Electronic Components Datasheet Search
  English  ▼

X  

PSANCN Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSANCN
Description  AC/DC Switching Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSANCN Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSANCN Datasheet HTML 1Page - Wall Industries,Inc. PSANCN Datasheet HTML 2Page - Wall Industries,Inc. PSANCN Datasheet HTML 3Page - Wall Industries,Inc. PSANCN Datasheet HTML 4Page - Wall Industries,Inc. PSANCN Datasheet HTML 5Page - Wall Industries,Inc. PSANCN Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc.
Rev A
PSANCN SERIES
15 Watt AC/DC Switching Power Supplies
01/29/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
FEATURES
RoHS Compliant
Isolation Class II
4000VAC I/O Isolation
15 Watts Output Power
High Efficiency up to 83%
Fully Encapsulated Plastic Case
< 0.3W No Load Input Power
5V, 12V, 15V, and 24V Single Output Models
PCB Mountable Switching Power Supply
-40°C to +70°C Operating Temperature Range
Universal Input Voltage Range: 90-264VAC (120-370VDC)
Short Circuit, Over Power, and Over Voltage Protection
Screw Terminal Mechanical Options Available
UL/cUL, CE, and CB Safety Approvals
DESCRIPTION
Size:
2.91 x 2.13 x 0.87 inches
74.0 x 54.0 x 22.0 mm
The PSANCN series of AC/DC power supplies provides 15 watts of output power in a 2.91” x 2.13” x
0.87” encapsulated PCB mountable package. This series consists of single output models with a
universal input range of 90-264VAC (120-370VDC). Some features include low ripple and noise, -40°C
to +70°C operating temperature range, and 4000VAC I/O isolation. This series is also protected
against over power, over voltage, and short circuit conditions. The PSANCN series has two types of
screw terminal mechanical options available. All models are RoHS compliant and have UL/cUL, CE,
and CB safety approvals.
MODEL SELECTION TABLE
Output Current
Model Number
Input Voltage
Output Voltage
Min Load
Max Load
Ripple & Noise
Output Power
Efficiency
Maximum
Capacitive Load
PSANCN-5S
5 VDC
0%
3000mA
100mVp-p
15W
78%
1100μF
PSANCN-12S
12 VDC
0%
1250mA
120mVp-p
15W
83%
200μF
PSANCN-15S
15 VDC
0%
1000mA
200mVp-p
15W
82%
200μF
PSANCN-24S
90~264 VAC
(120~370 VDC)
24 VDC
0%
625mA
200mVp-p
15W
83%
47μF
NOTES
1. Screw terminal mechanical options available (see page 5). Please call factory for ordering details.
DERATING
120
100
80
60
40
20
0
-40
-20
0
20
40
50
60
70
80
Ambient Temperature (°C)
60%
90 100 110
135
155
240
264
Input Voltage (VAC)
120
100
80
60
40
20
0


Similar Part No. - PSANCN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSANC WALL-PSANC Datasheet
159Kb / 3P
15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
PSANC-12D WALL-PSANC-12D Datasheet
159Kb / 3P
15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
PSANC-12S WALL-PSANC-12S Datasheet
159Kb / 3P
15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
PSANC-15D WALL-PSANC-15D Datasheet
159Kb / 3P
15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
PSANC-15S WALL-PSANC-15S Datasheet
159Kb / 3P
15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
More results

Similar Description - PSANCN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com