Electronic Components Datasheet Search
  English  ▼

X  

NDL7553P Datasheet(PDF) 1 Page - NEC

Part # NDL7553P
Description  InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7553P Datasheet(HTML) 1 Page - NEC

  NDL7553P Datasheet HTML 1Page - NEC NDL7553P Datasheet HTML 2Page - NEC NDL7553P Datasheet HTML 3Page - NEC NDL7553P Datasheet HTML 4Page - NEC NDL7553P Datasheet HTML 5Page - NEC NDL7553P Datasheet HTML 6Page - NEC NDL7553P Datasheet HTML 7Page - NEC NDL7553P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice.
LASER DIODE
NDL7553P Series
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
1550nm OTDR APPLICATION
1995
©
Document No. P10473EJ4V0DS00 (4th edition)
Date Published October 1996 N
Printed in Japan
DATA SHEET
DESCRIPTION
NDL7553P Series is a 1550nm newly developed Strained Multiple Quantum Well (st-MQW) structure pulsed laser
diode coaxial module with singlemode fiber.
It is designed for light source of optical measurement equipment
(OTDR).
FEATURES
x
High output power
Pf = 145 mW @IFP = 1000 mA
*1
x
Long wavelength
OC = 1550 nm
x
Coaxial module without thermoelectric cooler.
x
Singlemode fiber pigtail
*1 Pulse Conditions: Pulse width (PW) = 10
Ps, Duty = 1 %
NDL7553P
NDL7553P1
Optical Fiber
SM-9/125
Length = 1 m
φ 7
φ 6
φ 0.9
φ 0.45
Optical Fiber
SM-9/125
Length = 1 m
φ 0.9
φ 7
φ 6
12.7
17.0
φ 0.45
PIN CONNECTIONS
CASE
2
1
P.C.D. =
2
φ
CASE
2
1
4
3
2
1
PIN CONNECTIONS
LD
LD
4
3
2
1
P.C.D. =
2
φ
PACKAGE DIMENSIONS
in millimeters


Similar Part No. - NDL7553P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7553P NEC-NDL7553P Datasheet
60Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7553P NEC-NDL7553P Datasheet
63Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7553P NEC-NDL7553P Datasheet
63Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7553P NEC-NDL7553P Datasheet
61Kb / 8P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NDL7553P NEC-NDL7553P Datasheet
61Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
More results

Similar Description - NDL7553P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7503P NEC-NDL7503P Datasheet
60Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7514P NEC-NDL7514P Datasheet
63Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7515P NEC-NDL7515P Datasheet
61Kb / 8P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NDL7563P NEC-NDL7563P Datasheet
61Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7564P NEC-NDL7564P Datasheet
60Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7565P NEC-NDL7565P Datasheet
59Kb / 8P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NDL7513P NEC-NDL7513P_00 Datasheet
29Kb / 3P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
NDL7553P NEC-NDL7553P_00 Datasheet
29Kb / 3P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1550 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7663JB-BC RENESAS-NX7663JB-BC Datasheet
159Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com