Electronic Components Datasheet Search
  English  ▼

X  

PSGE75 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSGE75
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSGE75 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSGE75 Datasheet HTML 1Page - Wall Industries,Inc. PSGE75 Datasheet HTML 2Page - Wall Industries,Inc. PSGE75 Datasheet HTML 3Page - Wall Industries,Inc. PSGE75 Datasheet HTML 4Page - Wall Industries,Inc. PSGE75 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. D
PSGE75 Series
Single Output
Up to 76.8 Watts
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/08/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
MECHANICAL DRAWINGS
Tolerance: 0.02” (0.5mm)
Tolerance: 0.02” (0.5mm)
4.47 (113.50)
0.20 (5.00)
0.47 (12.00)
0.57
(14.50)
0.34 (8.75)
0.24 (6.00)
1.18 (29.90)
1.42 (36.00)
TOP OF CASE
BOTTOM OF CASE
5.10 (129.50)
4.84 (123.00)
4.45 (113.00)
3.07 (78.00)
1.44 (36.50)
0.97 (24.60)
0.51 (12.90)
1.48 (37.50)
0.12 (3)
3.03 (77.00)
2.44 (62.00)
2.97 (75.50)
Unit: inches (mm)
Unit: inches (mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com