Electronic Components Datasheet Search
  English  ▼

X  

M95512-DR Datasheet(PDF) 33 Page - STMicroelectronics

Part # M95512-DR
Description  512-Kbit serial SPI bus EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-DR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M95512-DR Datasheet HTML 29Page - STMicroelectronics M95512-DR Datasheet HTML 30Page - STMicroelectronics M95512-DR Datasheet HTML 31Page - STMicroelectronics M95512-DR Datasheet HTML 32Page - STMicroelectronics M95512-DR Datasheet HTML 33Page - STMicroelectronics M95512-DR Datasheet HTML 34Page - STMicroelectronics M95512-DR Datasheet HTML 35Page - STMicroelectronics M95512-DR Datasheet HTML 36Page - STMicroelectronics M95512-DR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
DocID11124 Rev 21
33/50
M95512-W M95512-R M95512-DR M95512-DF
DC and AC parameters
Table 12. Capacitance
Symbol
Parameter
Test conditions(1)
1. Sampled only, not 100% tested, at TA = 25 °C and a frequency of 5 MHz.
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
-
8
pF
CIN
Input capacitance (D)
VIN = 0 V
-
8
pF
Input capacitance (other pins)
VIN = 0 V
-
6
pF
Table 13. Cycling performance by groups of four bytes
Symbol
Parameter(1)
1. Cycling performance for products identified by process letters KB.
Test conditions
Min.
Max.
Unit
Ncycle
Write cycle endurance(2)
2. The Write cycle endurance is defined for groups of four data bytes located at addresses [4*N,
4*N+1, 4*N+2, 4*N+3] where N is an integer. The Write cycle endurance is defined by
characterization and qualification.
TA
≤ 25 °C,
VCC(min) < VCC < VCC(max)
-
4,000,000
Write cycle(3)
3. A Write cycle is executed when either a Page Write, a Byte Write, a WRSR, a WRID or an LID
instruction is decoded. When using the Byte Write, the Page Write or the WRID instruction,
refer also to Section 6.6.1: Cycling with Error Correction Code (ECC).
TA = 85 °C,
VCC(min) < VCC < VCC(max)
-
1,200,000
Table 14. Memory cell data retention
Parameter
Test conditions
Min.
Unit
Data retention(1)
1. For products identified by process letters KB. The data retention behavior is checked in
production. The 200-year limit is defined from characterization and qualification results.
TA = 55 °C
200
Year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com