Electronic Components Datasheet Search
  English  ▼

X  

SSF1090 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF1090
Description  Advanced trench process technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF1090 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF1090 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF1090 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF1090 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF1090 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF1090 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©Silikron Semiconductor Corporation
2009.6.10
Version: 2.1
page
2of5
SSF1090
Gate-to-Source reverse leakage
—
—
-100
VGS=-20V
Qg
Total gate charge
—
21.18
nC
ID=9.2A,VGS=10V
VDD=80V,RL=8.6Ω
Qgs
Gate-to-Source charge
—
4.7
—
Qgd
Gate-to-Drain("Miller") charge
—
8.5
—
td(on)
Turn-on delay time
—
10
nS
VDD=50V
ID=9.2A ,RL=5.4Ω
RG=18Ω
VGS=10V
tr
Rise time
—
9.5
td(off)
Turn-Off delay time
—
18.3
tf
Fall time
—
4.2
Ciss
Input capacitance
—
697
750
pF
VGS=0V
VDS=25V
f=1.0MHZ
Coss
Output capacitance
—
59
110
Crss
Reverse transfer capacitance
—
43
45
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current
(Body Diode)
—
—
3
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
①
—
—
18
VSD
Diode Forward Voltage
—
—
1.3
V
TJ=25ْC,IS=3A,VGS=0V ③
trr
Reverse Recovery Time
—
35
—
nS
TJ=25ْC,IF=9.2A
di/dt=100A/μs ③
Qrr
Reverse Recovery Charge
—
67.2
—
μC
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
EAS Test Circuit:
Gate Charge Test Circuit:
VDD
BVdss
L
R G
V dd
RL
RG
1mA
Vgs
Notes:
① Repetitive rating; pulse width limited by max junction temperature
② Test condition: L =30mH, VDD = 50V, Id=4A
③
Pulse width≤300μS, duty cycle≤1.5% ; RG = 25Ω Starting TJ = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com