Electronic Components Datasheet Search
  English  ▼

X  

NDL7565P Datasheet(PDF) 1 Page - NEC

Part # NDL7565P
Description  InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7565P Datasheet(HTML) 1 Page - NEC

  NDL7565P Datasheet HTML 1Page - NEC NDL7565P Datasheet HTML 2Page - NEC NDL7565P Datasheet HTML 3Page - NEC NDL7565P Datasheet HTML 4Page - NEC NDL7565P Datasheet HTML 5Page - NEC NDL7565P Datasheet HTML 6Page - NEC NDL7565P Datasheet HTML 7Page - NEC NDL7565P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
The information in this document is subject to change without notice.
LASER DIODE
NDL7565P Series
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE
1 550 nm OTDR APPLICATION
1996
©
Document No. P11620EJ4V0DS00 (4th edition)
Date Published December 1996 N
Printed in Japan
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The NDL7565P Series is a 1 550 nm newly developed Multiple Quantum Well (MQW) structure pulsed laser diode
module with single mode fiber. It is designed for light source of optical measurement equipment (OTDR).
FEATURES
•
Output power
Pf = 8 mW MIN.@IFP = 400 mA, TC = 25
°C*1
•
Long wavelength
λC = 1 550 nm
•
Coaxial module without thermoelectric cooler
•
Single mode fiber pigtail
*1 Pulse conditions: Pulse width (PW) = 10
µs, Duty = 1 %
Optical Fiber
PIN CONNECTIONS
PIN CONNECTIONS
SM-9/125
Length : 1 m
φ 7
φ 6
φ 0.9
φ 0.45
Optical Fiber
SM-9/125
Length : 1 m
φ 0.9
φ7
φ 6
12.7
17.0
φ 0.45
CASE
2
1
P.C.D. =
2
φ
CASE
2
1
4
3
2
1
LD
LD
4
3
2
1
P.C.D. =
2
φ
NDL7565P
NDL7565P1
PACKAGE DIMENSIONS
in millimeters


Similar Part No. - NDL7565P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7565P NEC-NDL7565P Datasheet
60Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7565P NEC-NDL7565P Datasheet
63Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7565P NEC-NDL7565P Datasheet
63Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7565P NEC-NDL7565P Datasheet
61Kb / 8P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NDL7565P NEC-NDL7565P Datasheet
66Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
More results

Similar Description - NDL7565P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7515P NEC-NDL7515P Datasheet
61Kb / 8P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
logo
California Eastern Labs
NX7363JB-BC CEL-NX7363JB-BC Datasheet
968Kb / 6P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NX7563JB-BC CEL-NX7563JB-BC Datasheet
978Kb / 6P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7663JB-BC CEL-NX7663JB-BC Datasheet
957Kb / 6P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7363JB-BC RENESAS-NX7363JB-BC Datasheet
158Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NX7563JB-BC RENESAS-NX7563JB-BC Datasheet
160Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7663JB-BC RENESAS-NX7663JB-BC Datasheet
159Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
NX7363JB-BC RENESAS-NX7363JB-BC_15 Datasheet
151Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NX7563JB-BC RENESAS-NX7563JB-BC_15 Datasheet
152Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7663JB-BC RENESAS-NX7663JB-BC_15 Datasheet
151Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com