Electronic Components Datasheet Search
  English  ▼

X  

SSF1502D Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF1502D
Description  Advanced trench MOSFET process technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF1502D Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF1502D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF1502D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF1502D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF1502D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF1502D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF1502D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF1502D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF1502D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
                                
SSF1502D 
©Silikron Semiconductor CO.,LTD.
2011.05.25
Version : 1.0
page 2 of 8
www.silikron.com
 
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case③
—
4.5
℃
/W
RθJA
Junction-to-Ambient (t ≤ 10s) ④
—
70
℃
/W
Junction-to-Ambient (PCB mounted, steady-state) ④
—
53
℃
/W
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
150
170
V
VGS = 0V, ID = 250μA
RDS(on)
Static Drain-to-Source on-resistance
—
0.15
0.2
Ω
VGS=10V,ID = 3A
—
0.32
—
TJ = 125℃
VGS(th)
Gate threshold voltage
2
—
4
V
VDS = VGS, ID = 250μA
—
2.7
—
TJ = 125℃
IDSS
Drain-to-Source leakage current
—
—
1
μA
VDS = 150,Vgs=10V
—
—
50
TJ = 125°C
IGSS
Gate-to-Source forward leakage
  
100
A
VGS =20V
Gate-to-Source reverse leakage
‐100 
- 
VGS = -20V
Qg
Total gate charge
 
37
nC
ID = 6A
VDD=120V
VGS = 10V
Qgs
Gate-to-Source charge
 
7.5
Qgd
Gate-to-Drain("Miller") charge
 
13.
td(on)
Turn-on delay time
 
32
ns
VGS=10V, VDD=24.6V,
RL=8.2Ω,
RGEN=2.55Ω
ID=3.00A
tr
Rise time
 
51.5
td(off)
Turn-Off delay time
 
157
tf
Fall time
 
67
Ciss
Input capacitance
 
1524
pF
VGS = 0V
VDS = 25V
ƒ = 800KHz
Coss
Output capacitance
 
171
Crss
Reverse transfer capacitance
 
77
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
8
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
—
—
32
A
V
SD
Diode Forward Voltage
0.82
1.5
V
IS=6.00A, VGS=0V,TJ= 25°C
trr
Reverse Recovery Time
90
ns
TJ = 25°C, IF =6.00A, di/dt =
25.0A/μs
Qrr
Reverse Recovery Charge
105
nC
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com