Electronic Components Datasheet Search
  English  ▼

X  

PSM200 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSM200
Description  AC/DC Medical Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM200 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSM200 Datasheet HTML 1Page - Wall Industries,Inc. PSM200 Datasheet HTML 2Page - Wall Industries,Inc. PSM200 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
08/01/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 3
PSM200 Series
Single Output
200 Watt, U-Chassis
AC/DC Medical Power Supply
Rev. D
FEATURES
● Active PFC
● Single Output
● High Reliability
● RoHS Compliant
● Medical Approved
● 100% Hi-pot Tested
● 100% Burn-in Tested
● 90~264VAC Input Range
● Safety Approvals, EMC Compliance
● Short Circuit, Over Load, and Over Voltage Protected
DESCRIPTION
The PSM200 series of AC/DC medical power supplies provides 200 Watts of continuous output power in a U-chassis design.
All models have a single output, 90~264VAC full range input, and active PFC. These supplies are designed to comply with
UL60601-1, TUV EN60601-1, and CB IEC60601-1 requirements. All models are protected against short circuit, over load,
and over voltage conditions. This series is 100% hi-pot and burn-in tested.
SPECIFICATIONS: PSM200 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264VAC (Full Range)
Input Frequency
47 ~ 63Hz
Input Current (rms)
3A at 90VAC max.
1.5A at 264VAC max.
Leakage Current
< 300µA at 264VAC
OUTPUT SPECIFICATIONS
Output Current
See Table
Output Voltage
See Table
Voltage Regulation
±5%
Output Power
200W max.
Ripple & Noise (20MHz BW) (See Note 1)
See Table
Hold Up Time
> 16ms typical at 115VAC and full load
PROTECTION
Short Circuit Protection
Auto recover
Over Voltage Protection
Latch, AC recycle
Over Load Protection
Auto recover
GENERAL SPECIFICATIONS
Efficiency
> 87% at 115VAC and full load
No Load Power Consumption
< 500mW
Power Factor
> 0.9 at 115VAC/230VAC and full load
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C ~ +40°C convection cooling
Storage Temperature
-10°C to +85°C
Humidity
20% ~ 90%
MTBF
>140,000 hours at full load and 25°C ambient temperature
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
6.94 x 3.74 x 1.97 inches
176 x 95 x 50 mm
Weight
1.3 lbs (580g)
SAFETY & EMI
Safety Standards
UL/c-UL UL60601-1, CSA C22.2-No. 60601-1, TUV EN60601-1, CB IEC60601-1
EMC Standards
EN60601-1-2, FCC Part 18 Class B, EN55011 Class B, CE


Similar Part No. - PSM200

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSM200 POWERSEM-PSM200 Datasheet
81Kb / 1P
Silicon Power Diode
PSM200K POWERSEM-PSM200K Datasheet
81Kb / 1P
Silicon Power Diode
More results

Similar Description - PSM200

ManufacturerPart #DatasheetDescription
logo
CUI INC
EMMA_30W CUI-EMMA_30W Datasheet
229Kb / 4P
MEDICAL AC-DC POWER SUPPLY
logo
Wall Industries,Inc.
PSMHBU31 WALL-PSMHBU31 Datasheet
127Kb / 2P
AC/DC Medical Power Supply
logo
CUI INC
EMMA050400 CUI-EMMA050400 Datasheet
519Kb / 4P
MEDICAL AC-DC POWER SUPPLY
ETMA120500UD CUI-ETMA120500UD Datasheet
463Kb / 4P
MEDICAL AC-DC POWER SUPPLY
ETMA1202083U CUI-ETMA1202083U Datasheet
218Kb / 5P
MEDICAL AC-DC POWER SUPPLY
ETMA-60W-UD CUI-ETMA-60W-UD Datasheet
364Kb / 4P
MEDICAL AC-DC POWER SUPPLY
VSKM-S10 CUI-VSKM-S10 Datasheet
309Kb / 4P
MEDICAL AC-DC POWER SUPPLY
ETMA200WU CUI-ETMA200WU Datasheet
553Kb / 5P
MEDICAL AC-DC POWER SUPPLY
07/23/2020
ETMA30W CUI-ETMA30W Datasheet
369Kb / 4P
MEDICAL AC-DC POWER SUPPLY
07/10/2015
EMMA-30W CUI-EMMA-30W_V01 Datasheet
364Kb / 4P
MEDICAL AC-DC POWER SUPPLY
06/20/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com