Electronic Components Datasheet Search
  English  ▼

X  

PSM250 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSM250
Description  Medical AC/DC Switching Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM250 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSM250 Datasheet HTML 1Page - Wall Industries,Inc. PSM250 Datasheet HTML 2Page - Wall Industries,Inc. PSM250 Datasheet HTML 3Page - Wall Industries,Inc. PSM250 Datasheet HTML 4Page - Wall Industries,Inc. PSM250 Datasheet HTML 5Page - Wall Industries,Inc. PSM250 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. E
PSM250 Series
250 Watts, Single Outputs
Open Frame & U-Chassis Packages
Medical AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/05/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 6
SPECIFICATIONS: PSM250 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
At 115VAC
4
Input Current (rms)
At 230VAC
2
A
At 115VAC, cold start at 25°C
50
Inrush Current
At 230VAC, cold start at 25°C
100
A peak
At 115VAC and full load
0.95
Power Factor
At 230VAC and full load
0.90
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Regulation
At 25°C including initial tolerance, line voltage, load
currents, and output voltages adjusted to factory settings
-5
+5
%
Output Current
See Table
Minimum Load
0
%
Output Power
See Table
Ripple & Noise
At 20MHz limited bandwidth and 0.1µF ceramic and
10µF electrolytic capacitors in parallel on the output
-1
+1
%
Hold-up Time
115VAC and full load
16
ms
Temperature Coefficient
-0.04
+0.04
%/°C
PROTECTION
Over Load Protection
Automatic recovery
110
160
%
Short Circuit Protection
Automatic recovery
Over Voltage Protection
Automatic recovery
GENERAL SPECIFICATIONS
Efficiency (typical)
115VAC and full load
85
%
Primary to Secondary
5656
VDC
Isolation Voltage
Primary to Frame Ground
2121
VDC
Earth Leakage Current
At 264VAC
300
µA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derate linearly 2.5% per °C from 41°C to 60°C
0
60
°C
Storage Temperature
-40
85
°C
Humidity (non-condensing)
5
95
%
MTBF
Full load and 25°C
> 100,000 hours
PHYSICAL SPECIFICATIONS
Open Frame Type (Suffix “O”)
5 x 3 x 1.28 inches (127 x 76.2 x 32.5 mm)
Dimensions (L x W x H)
U-Chassis Type (Suffix “U”)
5 x 3.2 x 1.52 inches (127 x 81 x 38.6 mm)
Open Frame Type (Suffix “O”)
0.88 lbs (400g)
Weight
U-Chassis Type (Suffix “U”)
1.11 lbs (500g)
SAFETY & EMC
Safety Standards
UL/cUL UL60601-1, TUV EN60601-1, IEC 60601-1:2005 (3
rd edition)
EMC Standards
EN60601-1-2, FCC Part 18 Class B, EN55011 Class B, CE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com