Electronic Components Datasheet Search
  English  ▼

X  

PSM500 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSM500
Description  Medical AC/DC Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM500 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSM500 Datasheet HTML 1Page - Wall Industries,Inc. PSM500 Datasheet HTML 2Page - Wall Industries,Inc. PSM500 Datasheet HTML 3Page - Wall Industries,Inc. PSM500 Datasheet HTML 4Page - Wall Industries,Inc. PSM500 Datasheet HTML 5Page - Wall Industries,Inc. PSM500 Datasheet HTML 6Page - Wall Industries,Inc. PSM500 Datasheet HTML 7Page - Wall Industries,Inc. PSM500 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. E
PSM500 Series
500 Watts with Forced Air
Active PFC, Single Outputs
Medical AC/DC Switching Power Supplies
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
05/09/2014
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 8
SPECIFICATIONS: PSM500 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264VAC (Full Range)
Input Frequency
47 ~ 63Hz
Input Current (rms)
6A max. at 115VAC; 3A max. at 230VAC
Inrush Current
< 25A peak at 115VAC; < 50A peak at 230VAC
cold start and 25°C
Power Factor
>0.95 at 115VAC and full load; > 0.90 at 230VAC and full load
OUTPUT SPECIFICATIONS
Output Current
See Table
Output Voltage
See Table
Line Regulation
±0.5%
Load Regulation
±1%
Minimum Load
0%
Output Power (See Note 2)
360W max. with convection cooling for U-Chassis models
500W max. with 30CFM forced air for U-Chassis models
500W max. for models with built-in fans
Ripple & Noise (20MHz BW) (See Note 4)
1%
Hold Up Time
20ms typ. at 360W load and 115VAC input
Overshoot at Turn-On/Turn-Off
< ±10% of nominal output voltage.
No voltage of opposite polarity should be present on the output during turn-on or turn-off
Temperature Coefficient
±0.04%/°C
ADDITIONAL FUNCTIONS
Active Low
0 – 0.5V (output is disabled)
Remote Control (Inhibit)
Active High or Floating
3.5 – 5.25V (output is enabled)
Active Low
Output voltage falls below its under voltage threshold.
Power Good Output
Active High
Indicates DC output is good and within regulation
Active Low
Fan fault
Fan Fault Output
Active High
Fan works in normal condition
Fan Speed Control
The power supply includes a sophisticated fan controller that only turns the fan on as needed, sets the fan
speed according to cooling requirements, and generates a fan fail alarm for a non-rotating fan.
Current Share Option (See Note 1)
Single wire: Up to 4 units cane be paralleled within 10% accuracy at full load
PROTECTION
Short Circuit Protection
The supply will automatically recover without damage when short circuit condition is removed.
Over Voltage Protection
110% to 130% above nominal output. The power supply will not automatically recover after the fault
condition is removed. A manual reset is necessary or INHIBIT pin is reset.
Over Load Protection
110% to 150% maximum load. Auto-recovery without damage after fault condition is removed.
Over Temperature Protection
An over temperature condition is typically the result of current overloading or inadequate air circulation.
When the thermistor senses a temperature inside the power supply that is above normal, the unit will
automatically shut down. The power supply will recover when the thermistor temperature returns to a
normal value and after the INHIBIT pin is reset.
GENERAL SPECIFICATIONS
Efficiency
83% typical at 115VAC and full load; 86% typical at 230VAC and full load
Primary to Secondary
5656VDC for 2 seconds
Primary to Frame Ground
2121VDC for 2 seconds
Isolation Voltage
Secondary to Frame Ground
707VDC
Primary to Secondary
20MΩ min / 500VDC
Insulation Resistance
Primary to Frame Ground
20MΩ min / 500VDC
Earth
< 300µA at 264VAC
Leakage Current
Enclosure
< 100µF at 264VAC
The leakage current measurement is made in accordance with safety agency
requirements.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature (see derating curve)
0°C to +70°C (derate linearly 2.5% / °C from +51°C to +70°C)
Operating Humidity (non-condensing)
5% to 95%
Storage Temperature
-10°C to +85°C
Storage Humidity (non-condensing)
10% to 95%
MTBF
> 100,000 hours at full load and 25°C ambient temperature
Burn-in Test
100% burn-in tested at max. load under 40±5°C
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
U Type: 8.00” x 4.66” x 1.51” (203.2 x 118.5 x 38.5 mm)
E Type: 9.03” x 4.66” x 1.63” (229.4 x 118.5 x 41.5 mm) DC Fan: 1.57” x 1.57” x 0.79” (40 x 40 x 20 mm)
F Type: 8.00” x 4.66” x 2.44” (203.2 x 118.5 x 62.0 mm) DC Fan: 2.36” x 2.36” x 0.59” (60 x 60 x 15 mm)
Weight
U Type: 1.9lbs (860g)
E Type: 2.16lbs (980g)
F Type: 2.18lbs (990g)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com