Electronic Components Datasheet Search
  English  ▼

X  

PSMAF150 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSMAF150
Description  Medical AC/DC Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMAF150 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSMAF150 Datasheet HTML 1Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 2Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 3Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 4Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 5Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 6Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 7Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 8Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Wall Industries, Inc.
Rev C
PSMAF150 SERIES
Up to 150 Watts, Medical AC/DC Power Supplies
05/22/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 9
Open Frame (Suffix “O”)
U-Chassis (Suffix “U”)
Enclosed Case (Suffix “C”)
Enclosed w/ External Fan (Suffix “F”)
Size: 4.00 x 2.00 x 1.16 inches
Size: 4.60 x 2.44 x 1.54 inches
Size: 4.60 x 2.44 x 1.54 inches
Size: 4.60 x 2.44 x 1.94 inches
FEATURES
Protection Type Class I or Class II
Active Power Factor Correction
2 x 4 Inch Footprint
High Efficiency up to 92%
Adjustable Output Voltage
Built-in EMI Filter
5000M Operating Altitude
Low Leakage Current under 100μF
Low Standby Power Consumption under 0.3W
-25°C to +80°C Operating Temperature Range
Up to 150W with 10CFM Forced Air
4000VAC Input to Output 2 MOPP Insulation
Over Voltage, Over Load, and Short Circuit
Protection
85~264 VAC (120~370 VDC) Input Voltage Range
Compliant to RoHS EU Directive 2011/65/EU
CE Mark Meets 2006/95/EC, 2011/95/EC, & 2004/108/EC
ANSI/AAMI ES60601-1, EN60601-1, and IEC60601-1 3rd
Edition Medical Approvals
Open Frame, U-Chassis, Enclosed Case, Enclosed Case
with External Fan, and DIN Rail Mechanical Options
DESCRIPTION
The PSMAF150 series of AC/DC medical power supplies provides up to 150 Watts of output power with 10CFM forced air and up to 110 Watts with
convection cooling in a compact 2 x 4 inch footprint. These supplies feature a universal 85-264VAC (120~370 VDC) input, enabling them to be used
anywhere in the world. The off load power draw is less than 0.3 Watts, which complies with many energy-saving initiatives. 12V, 15V, 24V, 28V, 36V,
and 48VDC single output voltages are available for this series, all of which have a ±10% adjustment range. These supplies also feature a low leakage
current of less than 100μA at 264VAC and are designed to withstand 4000VAC, input to output. The PSMAF150 series has an operating temperature
range of -25°C to +80°C, power factor correction, and a high efficiency up to 92%. These supplies are also protected against short circuit, over
voltage, and over current conditions. The PSMAF150 series has ANSI/AAMI ES60601-1, EN60601-1, and IEC60601-1 3rd edition medical approvals, are
CE Marked, and meet the conducted and radiated EMI requirements of EN55011, EN55022 and FCC Part 18. Open frame, U-chassis, enclosed case,
enclosed case with external fan, and DIN rail mechanical options are available. Class I and Class II protection types are also available.
MODEL SELECTION TABLE
Output Current
Output Power
Model Number (1)
Input Voltage
Output
Voltage
10CFM Forced Air
Convection
Ripple & Noise
10CFM Forced Air Convection
Efficiency
PSMAF150-12S-X
12 VDC
12.50 A
8.33 A
120mVp-p
150W
100W
91%
PSMAF150-15S-X
15 VDC
10.00 A
7.33 A
150mVp-p
150W
110W
92%
PSMAF150-24S-X
24 VDC
6.25 A
4.58 A
240mVp-p
150W
110W
92%
PSMAF150-28S-X
28 VDC
5.36 A
3.92 A
280mVp-p
150W
110W
92%
PSMAF150-36S-X
36 VDC
4.17 A
3.05 A
360mVp-p
150W
110W
92%
PSMAF150-48S-X
85 - 264 VAC
(120 - 370 VDC)
48 VDC
3.13 A
2.08 A
480mVp-p
150W
100W
92%
NOTES
1. The “X” in the model number represents the package type. It can be “O” for open frame, “U” for U-chassis, “C” for enclosed case, “F” for enclosed
case with external fan, or “D” for DIN rail. DIN rail is only available for enclosed case type models.
2. Class I and Class II protection types are also available for this series. Class I comes standard and for Class II add the suffix “B” to the model number.


Similar Part No. - PSMAF150

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
PSMA10A SUNMATE-PSMA10A Datasheet
456Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
NXP Semiconductors
PSMA10A PHILIPS-PSMA10A Datasheet
67Kb / 8P
Transient voltage suppressor diodes
1999 Jan 26
logo
SUNMATE electronic Co.,...
PSMA11A SUNMATE-PSMA11A Datasheet
456Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
NXP Semiconductors
PSMA11A PHILIPS-PSMA11A Datasheet
67Kb / 8P
Transient voltage suppressor diodes
1999 Jan 26
logo
SUNMATE electronic Co.,...
PSMA12A SUNMATE-PSMA12A Datasheet
456Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

Similar Description - PSMAF150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GHA300F ETC2-GHA300F Datasheet
531Kb / 4P
AC-DC Power Supplies Medical type
logo
Wall Industries,Inc.
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
Medical AC/DC Switching Power Supplies
PSMP05 WALL-PSMP05 Datasheet
217Kb / 4P
Medical AC/DC Switching Power Supplies
PSMP10 WALL-PSMP10 Datasheet
213Kb / 4P
Medical AC/DC Switching Power Supplies
PSM250 WALL-PSM250 Datasheet
259Kb / 6P
Medical AC/DC Switching Power Supplies
PSM360 WALL-PSM360 Datasheet
269Kb / 7P
Medical AC/DC Switching Power Supplies
PSM500 WALL-PSM500 Datasheet
224Kb / 8P
Medical AC/DC Switching Power Supplies
PSPRL1103M WALL-PSPRL1103M Datasheet
568Kb / 7P
Medical AC/DC Switching Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
Medical AC/DC Power Supplies
logo
COSEL CO., LTD.
LMA COSEL-LMA Datasheet
1Mb / 10P
AC-DC Power Supplies Medical Type
June 29, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com