Electronic Components Datasheet Search
  English  ▼

X  

PSPDF-150-15 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPDF-150-15
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPDF-150-15 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPDF-150-15 Datasheet HTML 1Page - Wall Industries,Inc. PSPDF-150-15 Datasheet HTML 2Page - Wall Industries,Inc. PSPDF-150-15 Datasheet HTML 3Page - Wall Industries,Inc. PSPDF-150-15 Datasheet HTML 4Page - Wall Industries,Inc. PSPDF-150-15 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. D
PSPDF-150 Series
Up to 153.6 Watts
Single Output, Active PFC
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
07/29/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
MODEL SELECTION TABLE
Efficiency (Typ)
Model Number
Input Voltage
Output
Voltage
Output
Current
Voltage Adj.
Range
Ripple &
Noise
(1)
Output
Power
115VAC
230VAC
PSPDF-150-5
5 VDC
30A
4.0 ~ 6.0 VDC
100mVp-p
150W
80%
82%
PSPDF-150-12
12 VDC
12.5A
10.0 ~ 14.0 VDC
100mVp-p
150W
83%
86%
PSPDF-150-15
15 VDC
10.0A
12.0 ~ 18.0 VDC
100mVp-p
150W
83%
86%
PSPDF-150-24
24 VDC
6.3A
20.0 ~ 28.0 VDC
150mVp-p
151.2W
83%
86%
PSPDF-150-36
36 VDC
4.1A
32.0 ~ 40.0 VDC
240mVp-p
147.6W
83%
86%
PSPDF-150-48
85~264 VAC
(120~370 VDC)
48 VDC
3.2A
42.0 ~ 54.0 VDC
240mVp-p
153.6W
84%
87%
NOTES
1. Ripple & noise is measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with 0.1μF and 47μF
capacitors in parallel.
2. The SPS is considered a component which will be installed into final equipment. The final equipment must be
re-confirmed that it still meets EMC directives.
BLOCK DIAGRAM
+V
V
I/P
FG
_
EMI FILTER
&
RECTIFIERS
PFC CIRCUIT
POWER
SWITCHING
O.L.P.
PWM & PFC
CONTROL
FEEDBACK
DETECTION
CIRCUIT
RECTIFIERS
&
FILTER
O.V.P.
DERATING CURVE
AMBIENT TEMPERATURE (°C)
INPUT VOLTAGE (VAC) 60Hz
5V model
12V, 15V, 24V, 36V, & 48V models
5V models (with 18CFM fan)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com