Electronic Components Datasheet Search
  English  ▼

X  

PSPRL0602D Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPRL0602D
Description  AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0602D Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPRL0602D Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPRL0602D Series
300 Watt
Dual Output
AC/DC Switching Power Supply
Rev. B
C Type (U-Chassis with Top Cover): 6(L) x 4(W) x 1.57(H) inches; Weight: 22.93oz
Unit mm [inches]
E Type (Enclosed with Rear Side built-in Fan Type): 7(L) x 4(W) x 1.6(H) inches; Weight: 26.46oz
Unit mm [inches]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com