Electronic Components Datasheet Search
  English  ▼

X  

PSPRL0801 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSPRL0801
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0801 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSPRL0801 Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 4Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Wall Industries, Inc.
Rev B
PSPRL0801 SERIES
150~300 Watts, AC/DC Switching Power Supplies
09/05/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
SAFETY & EMC
Safety Approvals
UL60950-1, EN60950-1, IEC60950-1
EMI (Conducted & Radiated)
EN55022
Class B
Harmonic Currents
EN55022
EN61000-3-2
Voltage Flicker
EN55022
EN61000-3-3
ESD
EN55024
EN61000-4-2
Radiated Immunity
EN55024
EN61000-4-3
Fast Transient
EN55024
EN61000-4-4
Surge
EN55024
EN61000-4-5
Conducted Immunity
EN55024
EN61000-4-6
Dip and Interruptions
EN55024
EN61000-4-11
FUNCTIONS
DESIGNATION
FUNCTION
DESCRIPTION
-
Fan Drive
12VDC/300mA is available to drive an external fan
FF
Fan Fail Alarm
Pin 3 of CN3. Two types of logic signals provided. Please call factory for more details.
INH
Remote ON/OFF
Pin 4 of CN3. Requires a low signal to inhibit output
LED1
Power Supply ON
Green LED on the PCB
PG
Power Good
Pin 1 on CN3. Goes high 100-500ms after DC regulation and low at least 1ms before loss of regulation (open collector)
DERATING CURVE
0
10
20
30
40
50
60
70
80
110
100
90
80
70
60
50
40
30
20
10
0
Ambient Temperature (°C)
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will provide a
solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one example of our
commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to
ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and
beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
E-mail:
sales@wallindustries.com
Toll Free:
(888)597-9255
Web:
www.wallindustries.com
Fax:
(603)778-9797
Address: 37 Industrial Drive
Exeter, NH 03833



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com