Electronic Components Datasheet Search
  English  ▼

X  

PSPW500 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSPW500
Description  AC/DC Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW500 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSPW500 Datasheet HTML 1Page - Wall Industries,Inc. PSPW500 Datasheet HTML 2Page - Wall Industries,Inc. PSPW500 Datasheet HTML 3Page - Wall Industries,Inc. PSPW500 Datasheet HTML 4Page - Wall Industries,Inc. PSPW500 Datasheet HTML 5Page - Wall Industries,Inc. PSPW500 Datasheet HTML 6Page - Wall Industries,Inc. PSPW500 Datasheet HTML 7Page - Wall Industries,Inc. PSPW500 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev. C
PSPW500 Series
500 Watts with Forced Air
Active PFC, Single Outputs
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/14/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 8
MECHANICAL DRAWINGS
+V
+V
+V
RTN
RTN
RTN
4X M3 PEM Nuts for Mouting
2X M3 PEM Nuts for Mounting
FAN1
CN5
CN4
FAN2
CN2
CN3
CN1
CN1
CN4
Recommended direction
for forced airflow
0.35
(8.9)
0.35
(8.9)
7.30 (185.4)
0.35
(8.9)
0.35
(8.9)
0.35
(8.9)
0.35
(8.9)
7.30 (185.4)
8.00 (203.2)
8A/250V
AC(N)
AC(L)
FG
Q2
Q6
Q7
T2
1.51 (38.5)
0.32
(8.25)
2.00 (50.85)
0.32
(8.25)
1.05 (26.75)
Unit: inches (mm)
U-Chassis Models (“U” Suffix): 8.00 x 4.66 x 1.51 Inches (203.2 x 118.5 x 38.5 mm)
Tolerance: ±0.008 (±0.2)
All dimensions are for reference only
1
1
1
(See page 7 for matching connectors)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com