Electronic Components Datasheet Search
  English  ▼

X  

LBT94303 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT94303
Description  942.5MHz SAW Filter 35MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT94303 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT94303 Datasheet HTML 1Page - SIPAT Co,Ltd LBT94303 Datasheet HTML 2Page - SIPAT Co,Ltd LBT94303 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBT94303
Rev. Date
2013-05-21
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
942.5MHz SAW Filter
35MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LBT
LBT
LBT
LBT94303
94303
94303
94303
Features
�
For RF SAW filter
�
Single-ended operation
�
Ceramic Surface Mount Package
�
Small size
�
No matching required for operation at 50Ω
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
-
942.5
-
Insertion Loss(925~960MHz)
dB
-
2.3
3.0
Amplitude Ripple(925~960MHz)
dB
-
1.3
1.5
Attenuation
DC~905MHz
dB
17
19
-
905~915MHz
dB
5
20
-
980~1000MHz
dB
13
20
-
1000~2000MHz
dB
20
22
-
VSWR(925~960MHz)
-
1.8
2.7
Material Temperature coefficient
kHz/°C
-33.93
Substrate Material
-
42LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-55
-
+100
ESD Class
-
1A
Package Size
SMD3.0*3.0
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBT94303

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT94304 SIPAT-LBT94304 Datasheet
177Kb / 3P
942.5MHz SAW Filter 24MHz Bandwidth
More results

Similar Description - LBT94303

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB267DS01 SIPAT-LB267DS01 Datasheet
148Kb / 3P
267.5MHz SAW Filter 35MHz Bandwidth
LB297DS01 SIPAT-LB297DS01 Datasheet
146Kb / 3P
297.5MHz SAW Filter 35MHz Bandwidth
LB327DS01 SIPAT-LB327DS01 Datasheet
146Kb / 3P
327.5MHz SAW Filter 35MHz Bandwidth
LB357DS01 SIPAT-LB357DS01 Datasheet
147Kb / 3P
357.5MHz SAW Filter 35MHz Bandwidth
LBN09604 SIPAT-LBN09604 Datasheet
289Kb / 3P
96MHz SAW Filter 35MHz Bandwidth
LBT94201 SIPAT-LBT94201 Datasheet
173Kb / 3P
942.5MHz SAW Filter 24MHz Bandwidth
LBN140A56 SIPAT-LBN140A56 Datasheet
143Kb / 3P
140MHz SAW Filter 35MHz Bandwidth
LBT94304 SIPAT-LBT94304 Datasheet
177Kb / 3P
942.5MHz SAW Filter 24MHz Bandwidth
LBT89807 SIPAT-LBT89807 Datasheet
313Kb / 3P
897.5MHz SAW Filter 35MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA2433A TAI-SAW-TA2433A Datasheet
396Kb / 7P
SAW Filter 942.5MHz SMD 3.0횞3.0 mm (BW=35MHz)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com