Electronic Components Datasheet Search
  English  ▼

X  

WM7121P Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM7121P
Description  Top Port Analogue Silicon Microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7121P Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM7121P Datasheet HTML 1Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 2Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 3Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 4Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 5Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 6Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 7Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 8Page - Wolfson Microelectronics plc WM7121P Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Pre-Production
WM7121P, WM7121PE
w
PP, June 2014, Rev 3.0
5
ACOUSTIC AND ELECTRICAL CHARACTERISTICS
Test Conditions:
VDD=2.1V, 1kHz test signal, TA = 25°C, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Directivity
Omni-directional
Polarity
Positive sound pressure
Positive output voltage
Sensitivity (WM7121P)
S
94dB SPL
-41
-38
-35
dBV
Sensitivity (WM7121PE)
S
94dB SPL
-39
-38
-37
dBV
Acoustic Overload
No Load, THD < 10%
126
dB SPL
Total Harmonic Distortion
THD
100dB SPL
0.1
1
%
114dB SPL
0.2
122dB SPL
1
Signal to Noise Ratio
SNR
A-weighted
65
dB
Dynamic Range
DR
A-weighted
93
dB
Frequency Response
-3dB low frequency
62
Hz
+3dB high frequency
15000
Frequency Response Flatness
200Hz to 6kHz
-1
+1
dB
Acoustic Noise Floor
A-weighted
29
dB SPL
Electrical Noise Floor
A-weighted
-103
dBV
Power Supply Rejection Ratio
PSRR
217Hz sine wave,
100mV (peak-peak)
46
dB
Power Supply Rejection
PSR
217Hz square wave,
100mV (peak-peak)
-72
dBV
Current Consumption
IVDD
190
240
µA
Output DC Impedance
ZOUT
55
150
Ω
TERMINOLOGY
1.
Sensitivity (dBV) – Sensitivity is a measure of the microphone output response to the acoustic pressure of a 1kHz 94dB SPL
(1Pa RMS) sine wave.
2.
Total Harmonic Distortion (%) – THD is the ratio of the RMS sum of the harmonic distortion products in the specified bandwidth
(see note below) relative to the amplitude of the fundamental (ie. test frequency) output.
3.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the output response of a 1kHz 94dB SPL
sine wave and the idle noise output.
4.
Dynamic Range (dB) – DR is the ratio of the 1% THD microphone output level (in response to a sine wave input) and the idle
noise output level.
5.
All performance measurements are carried out within a 20Hz to 20kHz bandwidth and, where noted, an A-weighted filter.
Failure to use these filters will result in higher THD and lower SNR values than are found in the Acoustic and Electrical
Characteristics. The low pass filter removes out of band noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com