Electronic Components Datasheet Search
  English  ▼

X  

WM7231 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM7231
Description  Bottom Port Digital Silicon Microphone
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7231 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM7231 Datasheet HTML 2Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 3Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 4Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 5Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 6Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 7Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 8Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 9Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
WM7231
Pre-Production
w
PP, Rev 3.0, January 2014
6
TERMINOLOGY
1.
Sensitivity (dBFS) – Sensitivity is a measure of the microphone output response to the acoustic pressure of a 1kHz
94dB SPL (1Pa RMS) sine wave. This is referenced to the output Full Scale Range (FSR) of the microphone.
2.
Full Scale Range (FSR) - Sensitivity, Electrical Noise Floor and Power Supply Rejection are measured with reference
to the output Full Scale Range (FSR) of the microphone. FSR is defined as the amplitude of a 1kHz sine wave output
whose positive peak value reaches 100% density of logic 1s and whose negative peak value reaches 0% density of
logic 1s. This is the largest undistorted 1kHz sine wave that will fit in the digital output numerical range. Note that,
because the definition of FSR is based on a sine wave, it is possible to support a square wave test signal output
whose level is +3dBFS.
3.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the output response of a 1kHz 94dB
SPL sine wave and the idle noise output.
4.
Total Harmonic Distortion (%) – THD is the ratio of the RMS sum of the harmonic distortion products in the specified
bandwidth (see note below) relative to the RMS amplitude of the fundamental (ie. test frequency) output.
5.
Dynamic Range (dB) – DR is the ratio of the 1% THD microphone output level (in response to a sine wave input) and
the idle noise output level.
6.
All performance measurements are carried out with 20kHz low pass ‘brick-wall’ filter and, where noted, an A-weighted
filter. Failure to use these filters will result in higher THD and lower SNR values than are found in the Acoustic and
Electrical Characteristics. The brick wall filter removes out of band noise.
7.
SLEEP Mode is enabled when the CLK input is below the CLK Sleep Frequency noted above. This is a power-saving
mode. Normal operation resumes automatically when the CLK input is above the CLK Sleep Frequency. Note that the
VDD supply is still required in SLEEP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com