Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 245 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 245 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 241Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 242Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 243Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 244Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 245Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 246Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 247Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 248Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 249Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
245
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
IN1R_MIXOUTR_
VOL [2:0]
000
IN1R PGA Output to MIXOUTR Volume
0dB to -9dB in 3dB steps
X00 = 0dB
X01 = -3dB
X10 = -6dB
X11 = -9dB
Register 30h Output Mixer (4)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49 (31h)
Output Mixer
(5)
11:9
DAC1L_MIXOUT
L_VOL [2:0]
000
Left DAC to MIXOUTL Volume
0dB to -9dB in 3dB steps
X00 = 0dB
X01 = -3dB
X10 = -6dB
X11 = -9dB
8:6
IN2RN_MIXOUTL
_VOL [2:0]
000
IN2RN to MIXOUTL Volume
0dB to -9dB in 3dB steps
X00 = 0dB
X01 = -3dB
X10 = -6dB
X11 = -9dB
5:3
MIXINR_MIXOUT
L_VOL [2:0]
000
MIXINR Output (Right ADC bypass) to MIXOUTL Volume
0dB to -9dB in 3dB steps
X00 = 0dB
X01 = -3dB
X10 = -6dB
X11 = -9dB
2:0
MIXINL_MIXOUT
L_VOL [2:0]
000
MIXINL Output (Left ADC bypass) to MIXOUTL Volume
0dB to -9dB in 3dB steps
X00 = 0dB
X01 = -3dB
X10 = -6dB
X11 = -9dB
Register 31h Output Mixer (5)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R50 (32h)
Output Mixer
(6)
11:9
DAC1R_MIXOUT
R_VOL [2:0]
000
Right DAC to MIXOUTR Volume
0dB to -9dB in 3dB steps
X00 = 0dB
X01 = -3dB
X10 = -6dB
X11 = -9dB
8:6
IN2LN_MIXOUTR
_VOL [2:0]
000
IN2LN to MIXOUTR Volume
0dB to -9dB in 3dB steps
X00 = 0dB
X01 = -3dB
X10 = -6dB
X11 = -9dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com