Electronic Components Datasheet Search
  English  ▼

X  

ADDI7006 Datasheet(PDF) 1 Page - Analog Devices

Part # ADDI7006
Description  6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI7006 Datasheet(HTML) 1 Page - Analog Devices

  ADDI7006 Datasheet HTML 1Page - Analog Devices ADDI7006 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6-Channel, 10-Bit, 40 MSPS
CCD Signal Processor
Data Sheet
ADDI7006
Rev. SpA
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Six 10-bit, 40 MHz analog front-end (AFE) channels
1.8 V analog and digital core supply voltage
Serial data link with reduced range low voltage differential
signaling (LVDS) outputs
Input amplifier with −3 dB, 0 dB, +3 dB, or +6 dB gain
6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
Black level clamp with variable level control
Low power consumption
APPLICATIONS
Digital copiers
Multifunction copiers
Industrial high speed scanners
GENERAL DESCRIPTION
The ADDI7006 is a highly integrated 6-channel charged-coupled
device (CCD) signal processor for high speed scanner
applications. Each channel is specified at pixel rates of up to 40
MHz, and consists of six complete analog front ends with
correlated double sampling, variable gain amplification, and 10-
bit analog-to-digital conversion. The ADDI7006 also contains a
reduced range LVDS interface for the digital data output to
reduce electromagnetic interference (EMI) concerns.
Each analog front end includes black level clamping, a VGA,
and a 40 MSPS, 10-bit analog-to-digital converter (ADC).
Operation is programmed using a 3-wire serial interface.
Packaged in a space-saving 80-lead TQFP package, the
ADDI7006 is specified over an operating temperature range of
−25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
For more information on the ADDI7006, email Analog Devices, Inc., at afe.ccd@analog.
ROP
ROM
GEP
GEM
GOP
SHP
SHD
CLPOB
DCR
GOM
AFE2
AFE3
AFE4
BEP
BEM
AFE5
BOP
BOM
AFE6
REP
REM
–3dB, 0dB, +3dB, +6dB
SHA
VGA
6dB ~ 42dB
CLAMP
ADC
AFE1
REDUCED
RANGE
LVDS
INTERFACE
GPI1 TO GPI5
SDATA
SCK SCK
CLI
RST
SL
Precision
Timing
CORE
INTERNAL CLOCKS
INTERNAL
REGISTERS
ADDI7006
NOTES
1. THE CIRCUITRY FOR AFE1 TO AFE6 IS IDENTICAL.
5
DOUT1P_A
DOUT1N_A
DOUT1P_B
DOUT1N_B
TCLK1P
TCLK1N
DOUT1P_C
DOUT1N_C
DOUT2P_A
DOUT2N_A
TCLK2P
TCLK2N
DOUT2P_B
DOUT2N_B
DOUT2P_C
DOUT2N_C


Similar Part No. - ADDI7006

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDI7004 AD-ADDI7004 Datasheet
69Kb / 2P
Quad-Channel, HD Image Signal Processor with Precision Timing Core
Rev. SpA
ADDI7004 AD-ADDI7004 Datasheet
63Kb / 2P
Quad-Channel, HD Image Signal Processor with Precision Timing Core
Rev. SpD
ADDI7004 AD-ADDI7004 Datasheet
63Kb / 2P
Quad-Channel, HD Image Signal Processor with Precision Timing Core
Rev. SpD
ADDI7004 AD-ADDI7004 Datasheet
63Kb / 2P
Quad-Channel, HD Image Signal Processor with Precision Timing Core
Rev. SpD
ADDI7004 AD-ADDI7004 Datasheet
72Kb / 2P
Quad-Channel, HD Image Signal Processor
More results

Similar Description - ADDI7006

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9840A AD-AD9840A Datasheet
162Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV.0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV.0
AD9847 AD-AD9847 Datasheet
428Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
1/03-Data Sheet changed from REV. 0 to REV. A.
AD9847AKCPZRL AD-AD9847AKCPZRL Datasheet
521Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847AKSTZ AD-AD9847AKSTZ Datasheet
521Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9847 AD-AD9847_15 Datasheet
521Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com