Electronic Components Datasheet Search
  English  ▼

X  

MPR3338S Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # MPR3338S
Description  Single Color 3 Round Shape Type
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MPR3338S Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  MPR3338S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MPR3338S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MPR3338S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MPR3338S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MPR3338S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MPR3338S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MPR3338S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MPR3338S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MPR3338S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Color and Luminous Intensity
Page 2
TYP.
IF
MIN.
TYP.
IF
EMBG/MBG3338S
GaP
558
20
8/4
12/8
20
EMPG/MPG3338S
GaP
567
20
20/10
30/20
20
EMPY/MPY3338S
GaP
Yellow Green
572
20
30/15
45/30
20
EMAY/MAY3338S
GaAsP
Yellow
590
20
20/10
30/20
20
EMAA/MAA3338S
GaAsP
Orange
Orange
606
20
20/10
30/20
20
EMVR/MVR3338S
GaAsP
624
20
20/10
30/20
20
EBR/BR3338S
GaAlAs
647
20
30/15
45/30
20
MPR3338S
GaP
630
10
1.5
3
10
Iv (mcd)
Luminous Intensity
Dominant
Wavelength
λd (nm)
Diffused
Part No.
Material
Emitted
Color
Lens
Color
Green
Yellow
Red
Green
Red
2004.10.28
Single Color φ3 Round Shape Type
3338S Series
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com