Electronic Components Datasheet Search
  English  ▼

X  

LT1939EDD Datasheet(PDF) 21 Page - Linear Technology

Part # LT1939EDD
Description  Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1939EDD Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1939EDD Datasheet HTML 16Page - Linear Technology LT1939EDD Datasheet HTML 17Page - Linear Technology LT1939EDD Datasheet HTML 18Page - Linear Technology LT1939EDD Datasheet HTML 19Page - Linear Technology LT1939EDD Datasheet HTML 20Page - Linear Technology LT1939EDD Datasheet HTML 21Page - Linear Technology LT1939EDD Datasheet HTML 22Page - Linear Technology LT1939EDD Datasheet HTML 23Page - Linear Technology LT1939EDD Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT1939
21
1939f
APPLICATIONS INFORMATION
one location, ideally at the ground terminal of the output
capacitor C2. Additionally, the SW and BST traces should
be kept as short as possible. The topside metal from the
DC1069A demonstration board in Figure 12 illustrates
proper component placement and trace routing.
Thermal Considerations
The PCB must also provide heat sinking to keep the
LT1939 cool. The exposed metal on the bottom of the
Figure 11. Subtracting the Current when the Switch is On (11a) from the Current when the Switch is Off (11b) Reveals the Path of the
High Frequency Switching Current (11c). Keep this Loop Small. The Voltage on the SW and BST Traces will Also be Switched; Keep
These Traces as Short as Possible. Finally, Make Sure the Circuit is Shielded with a Local Ground Plane
package must be soldered to a ground plane. This ground
should be tied to other copper layers below with thermal
vias; these layers will spread the heat dissipated by the
LT1939. Place additional vias near the catch diodes. Adding
more copper to the top and bottom layers and tying this
copper to the internal planes with vias can further reduce
thermal resistance. With these steps, the thermal resis-
tance from die (or junction) to ambient can be reduced to
θJA = 45°C/W.
Power dissipation within the LT1939 can be estimated
by calculating the total power loss from an efficiency
measurement and subtracting the catch diode loss. The
die temperature is calculated by multiplying the LT1939
power dissipation by the thermal resistance from junction
to ambient.
The power dissipation in the other power components
such as catch diodes, boost diodes and inductors, cause
additional copper heating and can further increase what
the IC sees as ambient temperature. See the LT1767 data
sheet’s Thermal Considerations section.
Other Linear Technology Publications
Application notes AN19, AN35 and AN44 contain more
detailed descriptions and design information for buck
regulators and other switching regulators. The LT1376
data sheet has a more extensive discussion of output
ripple, loop compensation and stability testing. Design
note DN100 shows how to generate a dual (+ and –) output
supply using a buck regulator.
Figure 12. LT1939 Demonstration Circuit Board DC1293A
VIN
GND
(11a)
LT1939 SW
VIN
GND
1939 F11
(11c)
LT1939 SW
VIN
GND
(11b)
LT1939 SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com