Electronic Components Datasheet Search
  English  ▼

X  

LT1939 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1939
Description  Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1939 Datasheet(HTML) 3 Page - Linear Technology

  LT1939 Datasheet HTML 1Page - Linear Technology LT1939 Datasheet HTML 2Page - Linear Technology LT1939 Datasheet HTML 3Page - Linear Technology LT1939 Datasheet HTML 4Page - Linear Technology LT1939 Datasheet HTML 5Page - Linear Technology LT1939 Datasheet HTML 6Page - Linear Technology LT1939 Datasheet HTML 7Page - Linear Technology LT1939 Datasheet HTML 8Page - Linear Technology LT1939 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT1939
3
1939f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SS Sink Current
VFB = 0V, VSS = 2V
300
600
900
μA
SS POR Sink Current (Note 4)
VFB = 0V, VSS = 2V, Cycle SHDN
400
600
800
μA
SS POR Threshold
VFB = 0V
50
100
150
mV
SS to FB Offset (VSS – VFB)VVC = 1V, VSS = 0.4V
70
100
120
mV
PG/PG Leakage
VFB = 0.9V/0.7V, VPG/VPG = 25V
0.1
1
μA
PG/ PG Threshold
VPG = 0.4V
0.685
0.708
0.730
V
PG/ PG Hysteresis
VPG = 0.4V
20
30
40
mV
PG Sink Current
VPG = 0.4V, VFB = 0.7V
250
500
750
μA
PG Sink Current
VPG = 0.4V, VFB = 0.9V
500
800
1100
μA
RT/SYNC Reference Voltage
VFB1/2 = 0.9V, RRT/SYNC = 15k
0.75
0.850
0.975
V
Switching Frequency
RRT/SYNC = 90.9k
RRT/SYNC = 90.9k
RRT/SYNC = 15k
l
450
425
2
500
500
2.4
550
625
2.8
kHz
kHz
MHz
SYNC Frequency Range
l
250
2500
kHz
Minimum Switch On Time
VFB = 0.7V, RRT/SYNC = 90.9k
140
ns
Minimum Switch Off Time
VFB = 0.7V, RRT/SYNC = 90.9k
120
ns
Switch Leakage Current
VSW = 0V
1
10
μA
Switch Saturation Voltage
ISW = 2A, VBST = 18V, VFB = 0.7V
450
mV
Switch Peak Current
VBST = 18V, VFB = 0.7V
l
2.3
2.1
2.8
2.8
3.5
3.5
A
A
Boost Current
ISW = 2A, VBST = 18V, VFB = 0.7V
20
30
45
mA
Minimum Boost Voltage (Note 5)
ISW = 2A, VFB = 0.7V
2.2
3
V
LFB Voltage
VLDRV = 1.2V
l
0.784
0.8
0.816
V
LFB Line/Load Regulation
VVIN = 3V to 25V, VLDRV = 8V
l
0.776
0.8
0.824
V
SS to LFB Offset (VSS – VLFB)VVC = 1V, VSS = 0.8V, VLDRV = VLFB
90
115
140
mV
LFB Bias Current
VLFB = 0.8V, VVC = 1V
115
300
nA
LDRV Dropout
VLDRV = 3V, ILDRV = 5mA
l
0.8
1.2
1.6
V
LDRV Maximum Current
VLDRV = 0V
l
913
18
mA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VVIN = 15V, VRT/SYNC = 2V, unless otherwise specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note2: The LT1939EDD is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT1939IDD is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: Minimum input voltage is defined as the voltage where internal
bias lines are regulated so that the reference voltage and oscillator remain
constant. Actual minimum input voltage to maintain a regulated output
will depend upon output voltage and load current. See Applications
Information.
Note 4: An internal power-on reset (POR) latch is set on the positive
transition of the SHDN pin through its threshold. The output of the latch
activates a current source on the SS pin which typically sinks 600μA,
discharging the SS capacitor. The latch is reset when the SS pin is driven
below the soft-start POR threshold or the SHDN pin is taken below its
threshold.
Note 5: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 6: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature protection is active. Continuous operation above
the specified maximum operating junction temperature may impair device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com