Electronic Components Datasheet Search
  English  ▼

X  

LTM455CUW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LTM455CUW
Description  Electrical Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LTM455CUW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LTM455CUW Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.5
LT
455E
U
2
3
1
4.0
9.5
LT
455EW
4.0
1
3
4
5
2
1.Input
3.4.Ground
2.Output
1.Input
3.4.5.Ground
2.Output
2.4
0.8
2
1
3
2.5 2.7 1.6
1.9
1
2
3 4
5
4
4
1.8
0.7
0.9
LT-455/450
U/W,LTM-455/450
U/W Series
The LT-455&LTM-455 series ceramic
filter is the miniature profile filter for
communication use.
FEATURES
Low Cost
Communication Use
Low Profile
Excellent Temperature Stability
High Durability
Electrical Specifications
Part Number
Center
Frequency
(Khz)
Insertion
Loss
(dB)max
Pass Band
Ripple
(dB)max
6dB
Band Width
(KHz)min
LT455BU/W
LT455CU/W
LT455DU/W
LT455EU/W
LT455FU/W
LT455GU/W
LT455HU/W
LT455IU/W
LT455HTU/W
LTM455BU/W
LTM455CU/W
LTM455DU/W
LTM455EU/W
LTM455FU/W
LTM455GU/W
LTM455HU/W
LTM455IU/W
LTM455HTU/W
455
2.0
455
2.0
455
1.5
455
1.5
455
1.5
455
1.5
455 1.0
455
1.0
455
1.0
4
4
4
6
6
6
6
6
6
2
2
2
2
2
2
2
2
2
15
12.5
10
7.5
6
4.5
3
2
3
30
24
20
15
12.5
10
9
7.5
9
30
24
20
15
12.5
10
9
7.5
9
Stop Band
Attenuation
fo
100KHz
(dB)min
Lt455
U
Lt455
W
28
28
28
28
28
28
28
28
35
40
40
40
40
40
40
40
40
60
Input/Output
impedance
()
1500
1500
1500
1500
2000
2000
2000
2000
2000
*Center Frequency 450KHz is Also Available
Mechanical Dimensions(mm)
Mechanical Dimensions(mm)
8.0
LT
455EU
2
3
1
4.0
11.0
LT
455E
W
4.0
1
2
3
4
5
1.Input
2.Ground
3.Output
1.Input
2.3.4.Ground
5.Output
0.8
2.7
2 1
3
2.9 2.9 2.6
0.8
1
2
3
4
5
Rg
S.S.G
R2
R F
V.M
1
2
3
4
Rg
S.S.G
R2
R F
C.M
1
2
3
4
Test Circuit
Characteristics
0
10
20
30
40
50
60
410 430 450 450 480 500
0
10
20
30
40
50
60
410 430 450 450
480 500
40dB
Band Width
(KHz)max
(Lt455
U)
50dB
Band Width
(KHz)max
(Lt455
U)
R1
LT455¡õU
LTM455¡õU
Rg+R1=R2=Input/Output Impedance
Rg+R1=R2=Input/Output Impedance
LT455¡õU
LTM455¡õU
R1
5
LT455BU LTM455BU
LT455EU LTM455EU
LT455HU LTM455HU
LT455BW LTM455BW
LT455EW LTM455EW
LT455HW LTM455HW
Frequency(KHz)
Frequency(KHz)


Similar Part No. - LTM455CUW

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTM455CU AURIS-LTM455CU Datasheet
143Kb / 1P
Filter THT
logo
ECS, Inc.
LTM455CU ECS-LTM455CU Datasheet
282Kb / 1P
4 ELEMENT CERAMIC FILTER
logo
auris-GmbH
LTM455CU AURIS-LTM455CU Datasheet
185Kb / 1P
Filter THT, Ceramic
logo
Token Electronics Indus...
LTM455CU TOKEN-LTM455CU Datasheet
342Kb / 3P
LTM 455/450 Ceramic Filters
logo
Shoulder Electronics Li...
LTM455CU SHOULDER-LTM455CU Datasheet
110Kb / 4P
CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
More results

Similar Description - LTM455CUW

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404344 HITACHI-HD404344 Datasheet
797Kb / 22P
ELECTRICAL SPECIFICATIONS
HD6433258P10 HITACHI-HD6433258P10 Datasheet
797Kb / 22P
ELECTRICAL SPECIFICATIONS
logo
Bel Fuse Inc.
S560-6600-FU BEL-S560-6600-FU Datasheet
167Kb / 2P
ELECTRICAL SPECIFICATIONS
S560-6600-GM BEL-S560-6600-GM Datasheet
118Kb / 2P
ELECTRICAL SPECIFICATIONS
S560-6600-HA BEL-S560-6600-HA Datasheet
157Kb / 2P
ELECTRICAL SPECIFICATIONS
logo
Emerson Network Power
MP6-2E-2E-00 EMERSON-NETWORKPOWER-MP6-2E-2E-00 Datasheet
1Mb / 8P
Electrical Specifications
logo
Wurth Elektronik GmbH &...
749023015 WURTH-749023015 Datasheet
273Kb / 1P
ELECTRICAL SPECIFICATIONS
749023016 WURTH-749023016 Datasheet
146Kb / 1P
ELECTRICAL SPECIFICATIONS
logo
ECS, Inc.
ECS-200-CDX-0778 ECS-ECS-200-CDX-0778 Datasheet
120Kb / 1P
ELECTRICAL SPECIFICATIONS
logo
New Jersey Semi-Conduct...
S1020L NJSEMI-S1020L Datasheet
1Mb / 2P
Electrical Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com