Electronic Components Datasheet Search
  English  ▼

X  

PSAE800 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSAE800
Description  AC/DC Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAE800 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSAE800 Datasheet HTML 1Page - Wall Industries,Inc. PSAE800 Datasheet HTML 2Page - Wall Industries,Inc. PSAE800 Datasheet HTML 3Page - Wall Industries,Inc. PSAE800 Datasheet HTML 4Page - Wall Industries,Inc. PSAE800 Datasheet HTML 5Page - Wall Industries,Inc. PSAE800 Datasheet HTML 6Page - Wall Industries,Inc. PSAE800 Datasheet HTML 7Page - Wall Industries,Inc. PSAE800 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Wall Industries, Inc.
Rev B
PSAE800 SERIES
Up to 804 Watts, AC/DC Switching Power Supplies
07/23/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 8
DERATING CURVES
Load vs Ambient Temperature
Load vs Input Voltage
-20
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
20
40
60
80
100
90
Ta=25°C
100
110
120
264
40
50
60
70
80
Input Voltage (VAC)
90
100
CURVES
CMD vs Output Curve
VCI vs OVP Curve



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com