Electronic Components Datasheet Search
  English  ▼

X  

PSAPF100 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAPF100
Description  AC/DC LED Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAPF100 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAPF100 Datasheet HTML 1Page - Wall Industries,Inc. PSAPF100 Datasheet HTML 2Page - Wall Industries,Inc. PSAPF100 Datasheet HTML 3Page - Wall Industries,Inc. PSAPF100 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc.
Rev A
PSAPF100 SERIES
100 Watt, AC/DC LED Switching Power Supplies
05/08/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS: PSAPF100 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
305
VAC
Input Voltage Range
DC input voltage range
120
430
VDC
Input Frequency
47
63
Hz
115VAC and full load
1.5
230VAC and full load
0.7
Input Current
277VAC and full load
0.6
A
115VAC
40
Inrush Current (< 2ms)
230VAC
60
A
115VAC and full load
0.97
Power Factor
230VAC and full load
0.9
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Constant Current Range
See Table
Voltage Accuracy
-2
+2
%
Current (Convection)
See Table
Current Adjustment Range
See Table
Line Regulation
-1
+1
%
Load Regulation
-1
+1
%
Minimum Load
1
%
Hold-Up Time
25
ms
Maximum Capacitive Load
See Table
Output Power
100
W
Ripple & Noise
Measured at 20MHz bandwidth and with 0.1μF and 47μF capacitors in parallel
See Table
Temperature Coefficient
0~50°C
-0.02
+0.02
%/°C
PROTECTION
Over Voltage Protection
Automatic Recovery
Over Power Protection
Automatic Recovery
Over Temperature Protection
Automatic Recovery
Short Circuit Protection
Automatic Recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
100
133
KHz
Input to Output
3750
Input to FG
1880
Withstand Voltage
Output to FG
500
VAC
Leakage Current
0.75
mA
Dimming Function
See page 3
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
See derating curve
-30
+70
°C
Storage Temperature
-40
+85
°C
Humidity
95
% RH
Vibration
10~500Hz, 5G 10 min./1 cycle, 60 min. each along X,Y,Z axes
Cooling
Free air convection
MTBF
MIL-HDBK-217F (@ 25°C)
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
1.41 lbs (640g)
Dimensions (L x W x H)
5.66 x 2.79 x 1.48 inches (143.8 x 70.8 x 37.5 mm)
SAFETY & EMC
Agency Approvals
UL60950, EN61347-1:2008, EN61347-2-13:2006
EMI (Conduction & Radiation)
EN55015
EMS (Noise Immunity)
EN61547
Surge
2KV L-L, 4KV L-E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com