Electronic Components Datasheet Search
  English  ▼

X  

NDL7113 Datasheet(PDF) 4 Page - NEC

Part # NDL7113
Description  InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7113 Datasheet(HTML) 4 Page - NEC

  NDL7113 Datasheet HTML 1Page - NEC NDL7113 Datasheet HTML 2Page - NEC NDL7113 Datasheet HTML 3Page - NEC NDL7113 Datasheet HTML 4Page - NEC NDL7113 Datasheet HTML 5Page - NEC NDL7113 Datasheet HTML 6Page - NEC NDL7113 Datasheet HTML 7Page - NEC NDL7113 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NDL7563P Series
LASER DIODE FAMILY FOR OTDR APPLICATION
Features
1.31
Pm
1.55
Pm
Package
Part Number
P (mW)
MIN./TYP.
Part Number
P (mW)
MIN./TYP.
Remarks
I5.6 CAN
NDL7103
290/320
NDL7153
220/240
1000
NDL7113
160/175
NDL7163
100/120
400
4 pin Coaxial Module with SMF
NDL7503P/P1
110/180
NDL7553P/P1
95/145
1000
NDL7513P/P1
70/110
NDL7563P/P1
60/80
400
NDL7514P/P1
25/50
NDL7564P/P1
20/40
400
NDL7515P/P1
20/30
NDL7565P/P1
8/11
400
14 pin DIP Module with SMF
NDL7502P
125/190
NDL7552P
100/125
1000
NDL7512P
90/110
NDL7562P
70/80
400
NDL7510P
40/55
NDL7560P
20/30
400
*1 Pulse conditions:
pulse width = 10
Ps, duty = 1 % (modules)
pulse width = 1
Ps, duty = 1 % (I5.6 can)
P
: no flange
P1 : with flange
with TEC and
Thermistor
IFP
*1
(mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com