Electronic Components Datasheet Search
  English  ▼

X  

PSIM65 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSIM65
Description  Medical AC/DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSIM65 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSIM65 Datasheet HTML 1Page - Wall Industries,Inc. PSIM65 Datasheet HTML 2Page - Wall Industries,Inc. PSIM65 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc.
Rev A
PSIM65 SERIES
40~65 Watts, Medical AC/DC Power Supplies
06/26/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 3
MECHANICAL DRAWING
2.63 [66.7]
NOTES:
1. Unit: inches [mm]
2. Weight: 4.23oz (120g)
3. Dimensions: 5.00” x 3.00” x 1.13”
4. All dimensions are for reference only
CN1: INPUT CONNECTOR
Pin No.
Signal
1
AC Neutral
2
AC Line
JST B3P-VH-B pitch: 7.92mm or equivalent,
mates with JST VHR-3N or equivalent
CN2: OUTPUT CONNECTOR
Pin No.
Signal
1
2
3
4
+Vo
+Vo
JST B4P-VH-B pitch: 3.96mm or equivalent,
mates with JST VHR-4N or equivalent
-Vo
-Vo
3.00 [76.2]
1
2
3
4
CN2
CN1
2
1
Ø3.5 Mounting Holes x 4
0.087 [2.2]
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will provide a
solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one example of our
commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to
ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and
beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com