Electronic Components Datasheet Search
  English  ▼

X  

PSMBU31 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSMBU31
Description  AC/DC Open Frame Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMBU31 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSMBU31 Datasheet HTML 1Page - Wall Industries,Inc. PSMBU31 Datasheet HTML 2Page - Wall Industries,Inc. PSMBU31 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc.
Rev A
PSMBU31 SERIES
30W Medical AC/DC Open Frame Power Supplies
03/10/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
FEATURES
• Class I
• RoHS Compliant
• Internal EMI Filter
• Single Output
• 30 Watts Output Power
• Input to Output: 2MOPP
• Up to 85% High Efficiency
• Wide Input Voltage Range: 90~264VAC, 47~63Hz
• Over Voltage & Over Load Protection
• Output Voltage Protection (Crowbar Design)
• Meets FCC Part-18 Class B & CISPR-11 EN55011 Class B Emission Limits
• ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd Edition) & EN 60601-1: 2006
(TUV/T-mark 3rd Edition)
• 100% Burn-in Tested
DESCRIPTION
Size:
Weight:
4.00 x 1.99 x 1.16 inches
7.05oz (200g)
101.5 x 50.5 x 29.5 mm
The PSMBU31 series of class I medical AC/DC switching power supplies provides 30 Watts of continuous
output power in a 4.00” x 1.99” x 1.16” open frame package. This series consists of single output models
with a wide input voltage range of 90~264VAC. Some features include high efficiency up to 85%, internal
EMI filter, 2MOPP insulation, and over load and over voltage protection. All models meet FCC Part-18 class
B and CISPR-11 EN55011 class B emission limits. This series also has ANSI/AAMI ES 60601-1: 2005 (UL/cUL
3rd edition) and EN 60601-1: 2006 (TUV/T-mark 3rd edition) medical approvals. All models are RoHS
compliant and have been 100% burn-in tested.
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Total Regulation
Output Power
PSMBU31-102
5 VDC
6000mA
50mVp-p
5%
30W
PSMBU31-103
7 VDC
4280mA
70mVp-p
5%
30W
PSMBU31-104
9 VDC
3330mA
90mVp-p
5%
30W
PSMBU31-105
12 VDC
2500mA
120mVp-p
5%
30W
PSMBU31-106
15 VDC
2000mA
150mVp-p
5%
30W
PSMBU31-107
18 VDC
1660mA
180mVp-p
5%
30W
PSMBU31-108
24 VDC
1250mA
240mVp-p
3%
30W
PSMBU31-109
30 VDC
1000mA
300mVp-p
3%
30W
PSMBU31-110
90 ~ 264 VAC
36 VDC
830mA
360mVp-p
3%
30W
DERATING
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
120
100
80
60
40
20
0
NOTES:
1. Operating Temperature: 0°C to +70°C
2. Derating linearly from 100% load at 50°C to 50% load at 70°C


Similar Part No. - PSMBU31

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
AC/DC Open Frame Power Supplies
PSMBU152-105 WALL-PSMBU152-105 Datasheet
410Kb / 3P
AC/DC Open Frame Power Supplies
PSMBU152-108 WALL-PSMBU152-108 Datasheet
410Kb / 3P
AC/DC Open Frame Power Supplies
PSMBU153 WALL-PSMBU153 Datasheet
475Kb / 4P
AC/DC Switching Power Supplies
PSMBU153-105 WALL-PSMBU153-105 Datasheet
475Kb / 4P
AC/DC Switching Power Supplies
More results

Similar Description - PSMBU31

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
Open Frame AC-DC Power Supplies
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
AC-DC Power Supplies Open Frame/ Enclosed type
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
AC-DC Power Supplies Open Frame/ Enclosed type
logo
Wall Industries,Inc.
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
AC/DC Open Frame Power Supplies
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
AC/DC Open Frame Power Supplies
PSSBU100 WALL-PSSBU100 Datasheet
312Kb / 4P
AC/DC Open Frame Switching Power Supplies
PSZLF75 WALL-PSZLF75 Datasheet
262Kb / 4P
AC/DC Open Frame LED Power Supplies
PSZLF100 WALL-PSZLF100 Datasheet
258Kb / 4P
AC/DC Open Frame LED Power Supplies
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com