Electronic Components Datasheet Search
  English  ▼

X  

NDL7705PC Datasheet(PDF) 4 Page - NEC

Part # NDL7705PC
Description  1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7705PC Datasheet(HTML) 4 Page - NEC

  NDL7705PC Datasheet HTML 1Page - NEC NDL7705PC Datasheet HTML 2Page - NEC NDL7705PC Datasheet HTML 3Page - NEC NDL7705PC Datasheet HTML 4Page - NEC NDL7705PC Datasheet HTML 5Page - NEC NDL7705PC Datasheet HTML 6Page - NEC NDL7705PC Datasheet HTML 7Page - NEC NDL7705PC Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NDL7705P Series
TYPICAL CHARACTERISTICS (TC = 25
C, unless otherwise specified)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
50
30
20
10
0
40
0.5
1.0
1.5
2.0
2.5
0.18
0.12
0.06
0.00
–40
–60
–20
0
20
40
60
80
100
TEMPERATURE DEPENEDENCE OF
DIFFERENTIAL EFFICIENCY FROM FIBER
Case Temperature TC (˚C)
1 560
1 555
1 550
1 545
1 540
–20
0
40
80
100
–60
–40
20
60
TEMPERATURE DEPENDENCE OF
PEAK EMISSION WAVELENGTH
Case Temperature TC (˚C)
OPTICAL OUTPUT POWER vs.
FORWARD CURRENT
Forward Current IF (mA)
4.0
3.0
2.0
1.0
0
20
40
60
80
100
100
10
1
–60
0
40
80
100
–40
–20
20
60
OPERATING CURRENT AND THRESHOLD
CURRENT vs. CASE TEMPERATURE
Case Temperature TC (˚C)
Ith
Iop@Pf = 2 mW
OPTICAL OUTPUT POWER vs.
MONITOR CURRENT
Monitor Current Im (mA)
4.0
3.0
2.0
1.0
0.0
0.4
0.8
1.2
1.6
2.0
TC = –40 ˚C
+25 ˚C
+85 ˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com