Electronic Components Datasheet Search
  English  ▼

X  

SSF6007 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF6007
Description  Advanced MOSFET process technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF6007 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF6007 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF6007 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF6007 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF6007 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF6007 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF6007 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSF6007
©Silikron Semiconductor CO.,LTD.
2014.02.10
Version : 1.1
page 2 of 6
www.silikron.com
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
-50
—
—
V
VGS = 0V, ID = -10μA
RDS(on)
Static Drain-to-Source on-resistance
—
2.1
7
Ω
VGS=-10V,ID = -130mA
VGS(th)
Gate threshold voltage
-0.8
—
-2
V
VDS = VGS, ID = -1mA
IDSS
Drain-to-Source leakage current
—
—
-0.1
μA
VDS =-40V,VGS = 0V
-1
VDS =-50V,VGS = 0V
—
—
-50
TJ = 125°C
IGSS
Gate-to-Source forward leakage
—
—
10
uA
VGS =20V
—
—
-10
VGS = -20V
gfs
Forward Transconductance
50
—
—
S
VDS =-25 V ID =-130m A
Ciss
Input Capacitance
—
45
—
pF
VGS = 0;
VDS = -5 V;
f = 1 MHz
Coss
Output Capacitance
—
18
—
Crss
Reverse Transfer Capacitance
—
11
—
td(on)
Turn
–On Delay Time
—
3.1
—
ns
VDD =
–15V;
ID =
–2.5 A;
RL = 50ohm
tr
Rise Time
—
1.3
—
td(off)
Turn
–Off Delay Time
—
18
—
tf
Fall Time
—
7.5
—
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
130
mA
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
—
—
520
mA
V
SD
Diode Forward Voltage
—
—
-1.3
V
IS=-130mA, VGS=0V
Notes
:
①Calculated continuous current based on maximum allowable junction temperature.
②Repetitive rating; pulse width limited by max. junction temperature.
③The power dissipation PD is based on max. junction temperature, using junction-to-case thermal
resistance.
④The value of RθJA is measured with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com