Electronic Components Datasheet Search
  English  ▼

X  

OSWMXX Datasheet(PDF) 1 Page - OptoSupply International

Part # OSWMXX
Description  Long life, easy installation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSWMXX Datasheet(HTML) 1 Page - OptoSupply International

  OSWMXX Datasheet HTML 1Page - OptoSupply International OSWMXX Datasheet HTML 2Page - OptoSupply International OSWMXX Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model No.
OSWMXX
REV.
C5
PRODUCT SPECIFICATION FOR LED Waterproof Light
Descriptions:
1
• LED Waterproof Light, IP68
• Long life, easy installation
• Voltages available 12VDC
• LED Type: SMD LED, 5.0x5.0mm, 120deg
Features:
1
• Available in red, orange, yellow, green, blue, white, etc
• Directly use on line voltage
• Low power consumption, high intensity
• Energy saving
• Excellent beam control
• Long life
Application:
1
• Channel letter signs
• Indirect accent décor light
• Large area back lighting
• Under counter light
• Decorate building’s contour
• Substitute neon light
Product Picture:
1
LED & Application Technologies
1


Similar Part No. - OSWMXX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWMB5 OPTOSUPPLY-OSWMB5 Datasheet
325Kb / 3P
LED Waterproof Light
OSWMG5 OPTOSUPPLY-OSWMG5 Datasheet
325Kb / 3P
LED Waterproof Light
OSWMK5 OPTOSUPPLY-OSWMK5 Datasheet
325Kb / 3P
LED Waterproof Light
OSWMM5 OPTOSUPPLY-OSWMM5 Datasheet
325Kb / 3P
LED Waterproof Light
OSWMO5 OPTOSUPPLY-OSWMO5 Datasheet
325Kb / 3P
LED Waterproof Light
More results

Similar Description - OSWMXX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSBAXX OPTOSUPPLY-OSBAXX Datasheet
61Kb / 3P
Long life, easy Installation
OSBDXX OPTOSUPPLY-OSBDXX Datasheet
61Kb / 3P
Long life, easy Installation
OSCAXX OPTOSUPPLY-OSCAXX Datasheet
71Kb / 4P
Long life, easy installation
OSCBXX OPTOSUPPLY-OSCBXX Datasheet
72Kb / 4P
Long life, easy installation
OSCTXX OPTOSUPPLY-OSCTXX Datasheet
106Kb / 5P
Long life, easy installation
OSMFXX-C5 OPTOSUPPLY-OSMFXX-C5 Datasheet
414Kb / 4P
Long life, easy installation
OSMSRGB-C5 OPTOSUPPLY-OSMSRGB-C5 Datasheet
371Kb / 4P
Long life, easy installation
OSMTXX-C5 OPTOSUPPLY-OSMTXX-C5 Datasheet
286Kb / 4P
Long life, easy installation
OSWPXX OPTOSUPPLY-OSWPXX Datasheet
321Kb / 3P
Long life, easy installation
SAD12-XXX28B31F OPTOSUPPLY-SAD12-XXX28B31F Datasheet
51Kb / 3P
Long life, easy installation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com