Electronic Components Datasheet Search
  English  ▼

X  

NDL7705PD Datasheet(PDF) 5 Page - NEC

Part # NDL7705PD
Description  1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7705PD Datasheet(HTML) 5 Page - NEC

  NDL7705PD Datasheet HTML 1Page - NEC NDL7705PD Datasheet HTML 2Page - NEC NDL7705PD Datasheet HTML 3Page - NEC NDL7705PD Datasheet HTML 4Page - NEC NDL7705PD Datasheet HTML 5Page - NEC NDL7705PD Datasheet HTML 6Page - NEC NDL7705PD Datasheet HTML 7Page - NEC NDL7705PD Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
NDL7705P Series
LONGITUDINAL MODE FROM FIBER
Wavelength
λ (nm)
10
–10
–30
–50
–70
0
–20
–40
–60
1 540.4
1 550.4
1 560.4
ERROR RATE CHARACTERISTICS
Average Received Power P (dBm)
10
–6
10
–7
10
–8
10
–9
10
–10
10
–11
10
–12
–40 –39 –38 –37 –36 –35 –34 –33
TC = –40 ˚C,
Ref = –14 dB,
622 Mbps-NRZ,
2 Vp-p,
Ib = Ith × 0.9
back to back
after 200 km
10
–6
10
–7
10
–8
10
–9
10
–10
10
–11
10
–12
–40 –39 –38 –37 –36 –35 –34 –33
TC = 25 ˚C,
Ref = –14 dB,
622 Mbps-NRZ,
2 Vp-p,
Ib = Ith × 0.9
back to back
after 200 km
10
–6
10
–7
10
–8
10
–9
10
–10
10
–11
10
–12
–40 –39 –38 –37 –36 –35 –34 –33
TC = 85 ˚C,
Ref = –14 dB,
622 Mbps-NRZ,
2 Vp-p,
Ib = Ith × 0.9
back to back
after 200 km
EYE DIAGRAM
Time Base (500 ps/div.)
622 Mb/s-NRZ, Ref = –14 dB,
2 Vp-p (6 dB ATT), Ib = Ith × 0.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com