Electronic Components Datasheet Search
  English  ▼

X  

NE321000 Datasheet(PDF) 1 Page - NEC

Part # NE321000
Description  C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE321000 Datasheet(HTML) 1 Page - NEC

  NE321000 Datasheet HTML 1Page - NEC NE321000 Datasheet HTML 2Page - NEC NE321000 Datasheet HTML 3Page - NEC NE321000 Datasheet HTML 4Page - NEC NE321000 Datasheet HTML 5Page - NEC NE321000 Datasheet HTML 6Page - NEC NE321000 Datasheet HTML 7Page - NEC NE321000 Datasheet HTML 8Page - NEC NE321000 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
HETERO JUNCTION FIELDEFFECT TRANSISTOR
NE321000
C to Ka BAND SUPER LOW NOISE AMPLIFIER
N-CHANNEL HJ-FET CHIP
Document No. P14270EJ2V0DS00 (2nd edition)
Date Published November 1999 N CP(K)
Printed in Japan
DATA SHEET
1999
©
The mark
shows major revised points.
DESCRIPTION
The NE321000 is Hetero Junction FET that utilizes the hetero junction to create high mobility electrons.
Its
excellent low noise and associated gain make it suitable for DBS and another commercial systems, industrial and
space applications.
FEATURES
•
Super Low Noise Figure & High Associated Gain
NF = 0.35 dB TYP. Ga = 13.5 dB TYP. @ f = 12 GHz
•
Gate Length: Lg
≤ 0.20
µm
•
Gate Width : Wg = 160
µm
ORDERING INFORMATION (PLAN)
Part Number
Quality Grade
NE321000
Standard (Grade D)
Remark To order evaluation samples, please contact your local NEC sales office. (Part number for sample order:
NE321000)
ABSOLUTE MAXIMUM RATINGS (TA = +25°C)
Parameter
Symbol
Ratings
Unit
Drain to Source Voltage
VDS
4.0
V
Gate to Source Voltage
VGS
–3.0
V
Drain Current
ID
IDSS
mA
Gate Current
IG
100
µA
Total Power Dissipation
Ptot
Note
200
mW
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
–65 to +175
°C
Note Chip mounted on an Alumina heatsink (size: 3
× 3 × 0.6 t)


Similar Part No. - NE321000

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
135Kb / 6P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
Renesas Technology Corp
NE321000 RENESAS-NE321000 Datasheet
215Kb / 14P
HETERO JUNCTION FIELDEFFECT TRANSISTOR
1999
logo
California Eastern Labs
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results

Similar Description - NE321000

ManufacturerPart #DatasheetDescription
logo
NEC
NE32400 NEC-NE32400 Datasheet
85Kb / 8P
C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
NE32500 NEC-NE32500 Datasheet
39Kb / 8P
C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE32500 CEL-NE32500 Datasheet
87Kb / 3P
C TO KA BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ FET CHIP
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com