Electronic Components Datasheet Search
  English  ▼

X  

XFEI2012 Datasheet(PDF) 4 Page - XFMRS Inc.

Part # XFEI2012
Description  MULTILAYER FERRITE CHIP INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFEI2012 Datasheet(HTML) 4 Page - XFMRS Inc.

  XFEI2012 Datasheet HTML 1Page - XFMRS Inc. XFEI2012 Datasheet HTML 2Page - XFMRS Inc. XFEI2012 Datasheet HTML 3Page - XFMRS Inc. XFEI2012 Datasheet HTML 4Page - XFMRS Inc. XFEI2012 Datasheet HTML 5Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
15
Operating temperature
- 25 to + 85°C [ - 13 to + 185°F]
range
n RELIABILITY AND TEST CONDITIONS
Item
Test conditions
Storage temperature
- 40 to + 85°C [ - 40 to + 185°F]
range
0 to 60°C [32 to 140°F] (in tape and reel packaging)
Soldering heat resistance
The chip should not crack. More than 75% of the
terminal electrode should be covered with solder.
Preheat: 120 to 150°C [248 to 320°F] for 60 seconds
Solder: H63A (eutectic solder)
Solder temperature: 300+/- 5°C [572 +/- 9°F]
Flux: Rosin
Dip time: 10 +/- 0.5 seconds
Solderability
More than 90% of the terminal electrode should
be covered with new solder.
Preheat: 120 to 150°C [248 to 302°F] for 60 seconds
Solder: H63A (eutectic solder)
Solder temperature: 230+/- 5°C [446 +/- 9°F]
Flux: Rosin
Dip time: 3 +/- 1 seconds
Terminal strength
The terminal electrode should not break off nor
the ferrite damaged.
Bending strength
The ferrite should not be damaged by forces
applied on the right.
Thermal shock
No mechanical damage. Inductance
(Temperature cycle)
should be within +/- 5% of the intitial
High temperature
value and Q (shall be) within +/- 30%
resistance
of the initial value.
Temperature: -25°C [-13°F], +85°C [+185°F] for
30 minutes each, 50 cycles.
Applied 200mAdc and placed at 80°C [176°F] for 500
hours, then measured at room ambient temperature.
Applied 200mAdc and placed at 90%RH, 60°C
[140°F] for 500 hours, then measured at room ambient
temperature.
Drop 10 times on a concrete floor from a height of 1 m
[39.370 inches]
Solvent: Trichloroethylene
Washer: Ultrasonic washer (100W)
Washing time: 3 minutes
Humidity resistance
Drop
Solvent resistance
Type
W(N) [kgf]
Time (sec.)
XFEI 2012
5.9 [0.6]
XFEI 3216
9.8 [1.0]
30 +/- 5S
Type
A(mm) [inches]
P (N) (Kgf)
XFEI 201209
1.4 [.055]
9.8 [1.0]
XFEI 321611
2.0 [.079]
19.6 [2.0]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com