Electronic Components Datasheet Search
  English  ▼

X  

SSF6646 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF6646
Description  High Power and current handing capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF6646 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF6646 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF6646 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF6646 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF6646 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF6646 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©Silikron Semiconductor CO.,LTD.
2
http://www.silikron.com
v1.1
SSF6646
Zero Gate Voltage Drain Current
IDSS
VDS=48V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
1
3
V
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=3A
50
75
mΩ
VGS=10V, ID=4.5A
44
60
mΩ
Forward Transconductance
gFS
VDS=5V,ID=4.5A
5
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
VDS=25V,VGS=0V,
F=1.0MHz
700
PF
Output Capacitance
Coss
100
PF
Reverse Transfer Capacitance
Crss
50
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
VDS=30V,VGS=10V,RGEN=3Ω
ID=4.5A
13
nS
Turn-on Rise Time
tr
10
nS
Turn-Off Delay Time
td(off)
30
nS
Turn-Off Fall Time
tf
6
nS
Total Gate Charge
Qg
VDS=48V,ID=4.5A,VGS=10V
15
nC
Gate-Source Charge
Qgs
2
nC
Gate-Drain Charge
Qgd
4
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=1.7A
0.8
1.2
V
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on 1in
2 FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com