Electronic Components Datasheet Search
  English  ▼

X  

MHK2 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # MHK2
Description  Type 4, 4X Handle Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

MHK2 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  MHK2 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type 4, 4X Handle Kits MHK Series
Features
Durable zinc die cast or stainless steel
Removable handle stop for clockwise / counter-clockwise operation
Textured powder coat Black finish on zinc cast handle
Maintains NEMA rating of enclosure
Padlock "trigger" design for security requirements
Optional key lock or defeater available
Handle can be used on other Hammond enclosures as field installation or
installed at factory … contact Hammond
Part No.
Description
Material
NEMA Rating
MHK1
6” PADLOCKING 1PT. LATCH
Zinc
4
MHK2
6” PADLOCKING 3PT < 60”
Zinc
4
MHK3
6” PADLOCKING 3PT > 60”
Zinc
4
MHKD1
6” PADLOCKING DEFEATER 1PT LATCH
Zinc
4
MHKD2
6” PADLOCKING DEFEATER 3PT < 60”
Zinc
4
MHKD3
6” PADLOCKING DEFEATER 3PT > 60”
Zinc
4
MHKL1
6” KEYED PADLOCKING 1PT LATCH
Zinc
4
MHKL2
6” KEYED PADLOCKING 3PT < 60”
Zinc
4
MHKL3
6” KEYED PADLOCKING 3PT > 60”
Zinc
4
MHK1SS
6” SS PADLOCKING 1PT LATCH
316 SS
4X
MHK2SS
6” SS PADLOCKING 3PT LATCH < 60”
316 SS
4X
MHK3SS
6” SS PADLOCKING 3PT LATCH > 60”
316 SS
4X
MHKD1SS
6” SS PADLOCKING DEFEATER 1PT LATCH
316 SS
4X
MHKD2SS
6” SS PADLOCKING DEFEATER 3PT < 60”
316 SS
4X
MHKD3SS
6” SS PADLOCKING DEFEATER 3PT > 60”
316 SS
4X
MHKL1SS
6" SS KEYED PADLOCKING 1PT LATCH
316 SS
4X
MHKL2SS
6" SS KEYED PADLOCKING 3PT < 60”
316 SS
4X
MHKL3SS
6" SS KEYED PADLOCKING 3PT > 60”
316 SS
4X
Data subject to change without notice.
© 2014. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


Similar Part No. - MHK2

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
MHK HAMMOND-MHK Datasheet
52Kb / 1P
Jeux de poignees de types 4 et 4X
MHK1 HAMMOND-MHK1 Datasheet
24Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
MHK1SS HAMMOND-MHK1SS Datasheet
24Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Sensata Technologies, I...
MHK5 SENSATA-MHK5 Datasheet
988Kb / 4P
CANOPEN ABSOLUTE MULTI-TURN ENCODER
MHK5 SENSATA-MHK5 Datasheet
335Kb / 4P
ETHERNET/IP ABSOLUTE MULTI -TURN ENCODER
Rev:09/11/18
More results

Similar Description - MHK2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9422A2 SCHNEIDER-9422A2 Datasheet
102Kb / 3P
Operating mechanism, flange mounted, variable depth, handle mechanism, 6 inch handle, NEMA 4X stainless steel enclosure
Apr 19, 2021
9422A4 SCHNEIDER-9422A4 Datasheet
118Kb / 3P
Operating mechanism, flange mounted, variable depth, handle mechanism, 4 inch handle, NEMA 4X stainless steel enclosure
Apr 19, 2021
9422A8 SCHNEIDER-9422A8 Datasheet
97Kb / 2P
Operating mechanism, flange mounted, variable depth, handle mechanism, 12 inch handle, NEMA 4X stainless steel enclosure
Apr 19, 2021
9422A10 SCHNEIDER-9422A10 Datasheet
118Kb / 3P
Operating mechanism, flange mounted, variable depth, handle mechanism, 10 inch handle, NEMA 4X stainless steel enclosure
Apr 19, 2021
9421V1W30 SCHNEIDER-9421V1W30 Datasheet
140Kb / 1P
Manual Motor Switch, TeSys Vario, rotary handle, 20A, 3 pole, 10HP at 480V, metallic enclosure, UL Type 4/4X
Jul 7, 2021
GS2AHT440 SCHNEIDER-GS2AHT440 Datasheet
100Kb / 2P
External rotary handle, TeSys GS, red handle, front mounting, 3 positions Test-I-O, NEMA 4-4X, for GS 30-400A UL
Jul 19, 2021
GS2AH440 SCHNEIDER-GS2AH440 Datasheet
100Kb / 2P
External rotary handle, TeSys GS, red handle, front mounting, 2 positions I-O, NEMA 4-4X, for GS 30-400A UL
Jul 19, 2021
GS2AH430 SCHNEIDER-GS2AH430 Datasheet
97Kb / 2P
External rotary handle, TeSys GS, black handle, front mounting, 2 positions I-O, NEMA 4-4X, for GS 30-400A UL
Jul 19, 2021
GS2AH420 SCHNEIDER-GS2AH420 Datasheet
124Kb / 2P
External rotary handle, TeSys GS, red handle, front mounting, 2 positions I-O, NEMA 4-4X, for GS 30A Compact UL
Jul 19, 2021
GS2AH410 SCHNEIDER-GS2AH410 Datasheet
117Kb / 2P
External rotary handle, TeSys GS, black handle, front mounting, 2 positions I-O, NEMA 4-4X, for GS 30A Compact UL
Jul 19, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com