Electronic Components Datasheet Search
  English  ▼

X  

SW3N10 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW3N10
Description  N-channel D-PAK MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW3N10 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW3N10 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW3N10 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW3N10 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW3N10 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW3N10 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Feb. 2014. Rev. 1.0
Features
■ High ruggedness
■ R
DS(ON) (Max 107mΩ)@VGS=10V
■ Gate Charge (Typical 21nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC
converter block and switch mode power supply.
N-channel D-PAK MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
100
V
I
D
Continuous Drain Current (@T
C=25
oC)
3*
A
Continuous Drain Current (@T
C=100
oC)
1.9*
A
I
DM
Drain current pulsed
(note 1)
12
A
V
GS
Gate to Source Voltage
± 16
V
E
AS
Single pulsed Avalanche Energy
(note 2)
187
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
40
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
44
W
Derating Factor above 25oC
0.35
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
2.84
oC/W
R
thja*
Thermal resistance, Junction to ambient (PCB Mount)
oC/W
R
thja
Thermal resistance, Junction to ambient
80.2
oC/W
1/5
*. Drain current is limited by junction temperature.
BV
DSS : 100V
I
D
: 3A
R
DS(ON) : 107mΩ
SW3N10
SAMWIN
1
2
3
Item
Sales Type
Marking
Package
Packaging
1
SW D 3N10
SW3N10
TO-252
REEL
Order Codes
1. Gate 2. Drain 3. Source
1
2
3
TO-252
*. The value varied due to mounted PCB pad areas


Similar Part No. - SW3N10

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW3N80 SEMIPOWER-SW3N80 Datasheet
788Kb / 7P
N-channel MOSFET
SW3N80A SEMIPOWER-SW3N80A Datasheet
954Kb / 7P
N-channel MOSFET
SW3N90U SEMIPOWER-SW3N90U Datasheet
887Kb / 7P
N-channel Enhanced mode TO-251/TO-251M/TO-252 MOSFET
logo
Inchange Semiconductor ...
SW3N90U ISC-SW3N90U Datasheet
399Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - SW3N10

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
N-channel D-PAK/I-PAK/TO-92 MOSFET
SW4N60B SEMIPOWER-SW4N60B Datasheet
946Kb / 7P
N-channel I-PAK/D-PAK/TO-220F MOSFET
SW1N60D SEMIPOWER-SW1N60D Datasheet
663Kb / 6P
N-channel I-PAK/TO-92 MOSFET
SW2N60D SEMIPOWER-SW2N60D Datasheet
767Kb / 6P
N-channel I-PAK/D-PAK/TO220F MOSFET
SW4N60D SEMIPOWER-SW4N60D Datasheet
682Kb / 6P
N-channel TO-220F/I-PAKN/D-PAK MOSFET
SW4N60K SEMIPOWER-SW4N60K Datasheet
678Kb / 6P
N-channel TO-220F/I-PAK/D-PAK MOSFET
SW7N60K SEMIPOWER-SW7N60K Datasheet
682Kb / 6P
N-channel TO-220F/I-PAK MOSFET
SW50N06T SEMIPOWER-SW50N06T Datasheet
747Kb / 6P
N-channel D-PAK/TO-220 MOSFET
SW630A SEMIPOWER-SW630A Datasheet
453Kb / 5P
N-channel TO-220/D-PAK MOSFET
SW830D1 SEMIPOWER-SW830D1 Datasheet
911Kb / 6P
N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com