Electronic Components Datasheet Search
  English  ▼

X  

SW6N60 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW6N60
Description  N-channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW6N60 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW6N60 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW6N60 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW6N60 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW6N60 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW6N60 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2012. Rev. 3.0
1/5
SAMWIN
Features
■ High ruggedness
■ R
DS(ON) (Max 1.5
Ω)@V
GS=10V
■ Gate Charge (Typical 29nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
These N-channel enhancement mode power field effect transistors are produced using
SAMWIN’s proprietary, planar stripe, DMOS technology.
This advanced technology enable power MOSFET to have better characteristics, such as
fast switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. These devices are widely used in AC-DC power suppliers, DC-DC
converters and H-bridge PWM motor drivers
N-channel MOSFET
Absolute maximum ratings
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220F
TO-251
TO-252
Rthjc
Thermal resistance, Junction to case
3.8
5.3
oC/W
Rthcs
Thermal resistance, Case to Sink
-
-
oC/W
Rthja
Thermal resistance, Junction to ambient
60
60
oC/W
BV
DSS : 600V
I
D
: 6A
R
DS(ON) :1.5ohm
1
2
3
1. Gate 2. Drain 3. Source
1
2
3
1
2
3
TO-251
TO-252
SW6N60
Item
Sales Type
Marking
Package
Packaging
1
SW F 6N60
SW6N60
TO-220F
TUBE
2
SW I 6N60
SW6N60
TO-251
TUBE
3
SW D 6N60
SW6N60
TO-252
REEL
Order Codes
TO-220F
1
2
3
Symbol
Parameter
Value
Unit
TO-220F
TO-251/252
VDSS
Drain to Source Voltage
600
V
ID
Continuous Drain Current (@TC=25oC)
6.0*
A
IDM
Drain current pulsed
(note 1)
24*
A
VGS
Gate to Source Voltage
±30
V
EAS
Single pulsed Avalanche Energy
(note 2)
230
mJ
EAR
Repetitive Avalanche Energy
(note 1)
20
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
4.5
V/ns
TO-220F
TO-251/252
PD
Total power dissipation (@TC=25oC)
50
24
W
Derating Factor above 25oC
0.4
0.19
W/oC
TSTG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
TL
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
*. Drain current is limited by junction temperature.


Similar Part No. - SW6N60

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW6N60D SEMIPOWER-SW6N60D Datasheet
856Kb / 6P
N-channel Enhanced mode TO-220F/TO-252/TO-251N MOSFET
SW6N60K SEMIPOWER-SW6N60K Datasheet
618Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
More results

Similar Description - SW6N60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com