Electronic Components Datasheet Search
  English  ▼

X  

SW7N60 Datasheet(PDF) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW7N60
Description  N-channel Mosfet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW7N60 Datasheet(HTML) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW7N60 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2012. Rev. 3.0
3/5
SAMWIN
Fig. 1. On-state characteristics
Fig. 2. On-resistance variation vs.
drain current and gate voltage
Fig. 3. Gate charge characteristics
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0.0
10.0
20.0
30.0
40.0
Qg, Total Gate Charge (nC)
VDS=480V
Notes:
1. 250μs Pulse Test
2. T=25 ℃
3. VGS 2~10V Step=1V
VGS=20V
VGS=10V
SW7N60
Fig. 6. On resistance variation
vs. junction temperature
Fig 5. Breakdown Voltage Variation
vs. Junction Temperature
Fig. 4. On state current vs. diode
forward voltage
150℃
25℃
0
0.5
1
1.5
2
2.5
3
-70 -45 -20
5
30
55
80 105 130 155 180
TJ Junction Temperture (℃)
0.8
0.9
1
1.1
1.2
-70
-45
-20
5
30
55
80
105 130 155 180
TJ Junction Temperture (℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com