Electronic Components Datasheet Search
  English  ▼

X  

SW10N65K Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW10N65K
Description  N-channel TO-220F/TO251N /TO-220 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW10N65K Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW10N65K Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW10N65K Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW10N65K Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW10N65K Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW10N65K Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW10N65K Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2014. Rev.3.0
SW10N65K
Features
■ High ruggedness
■ R
DS(ON) (Max 0.4Ω)@VGS=10V
■ Gate Charge (Typical 29nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
N-channel TO-220F/TO251N /TO-220 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO220F
TO251N
TO-220
V
DSS
Drain to Source Voltage
650
V
I
D
Continuous Drain Current (@T
C=25
oC)
10*
A
Continuous Drain Current (@T
C=100
oC)
6.3*
A
I
DM
Drain current pulsed
(note 1)
40
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
270
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
60
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
25.5
96.2
178.6
W
Derating Factor above 25oC
0.2
0.77
1.43
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO220F
TO251N
TO-220
R
thjc
Thermal resistance, Junction to case
4.9
1.3
0.70
oC/W
R
thcs
Thermal resistance, Case to Sink
oC/W
R
thja
Thermal resistance, Junction to ambient
48.7
80.0
53.7
oC/W
1/6
*. Drain current is limited by junction temperature.
BV
DSS : 650V
I
D
: 10A
R
DS(ON) : 0.4Ω
1. Gate 2. Drain 3. Source
1
2
3
1
2
3
TO-220F
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW F 10N65
SW10N65K
TO-220F
TUBE
2
SW I 10N65
SW10N65K
TO251N
TUBE
3
SW P 10N65
SW10N65K
TO-220
TUBE
Order Codes
General Description
This power MOSFET is produced with advanced super-junction technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, excellent avalanche characteristics, low gate charge and especially in
low on resistance. This power MOSFET is usually used at high efficient DC to DC converter
block and switch mode power supply.
TO-251N
1
2
3
1
2
3
TO-220


Similar Part No. - SW10N65K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N65 SEMIPOWER-SW10N65 Datasheet
763Kb / 7P
N-channel MOSFET
SW10N65D SEMIPOWER-SW10N65D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-220/TO-262 MOSFET
More results

Similar Description - SW10N65K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N60 SEMIPOWER-SW2N60 Datasheet
752Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
SWP4N65 SEMIPOWER-SWP4N65 Datasheet
775Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
SWP50N06A SEMIPOWER-SWP50N06A Datasheet
576Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
SW16N65K SEMIPOWER-SW16N65K Datasheet
823Kb / 6P
N-channel TO-220 /TO-220F MOSFET
SW20N65K SEMIPOWER-SW20N65K Datasheet
777Kb / 6P
N-channel TO-220/TO-220F MOSFET
SW11N65D SEMIPOWER-SW11N65D Datasheet
876Kb / 7P
N-channel Enhanced mode TO-220/TO-220F/TO-262 MOSFET
SW051R08ES SEMIPOWER-SW051R08ES Datasheet
638Kb / 7P
N-channel Enhanced mode TO-263/TO-220/TO-220F MOSFET
SW051R08ES-2 SEMIPOWER-SW051R08ES-2 Datasheet
637Kb / 7P
N-channel Enhanced mode TO-263/TO-220/TO-220F MOSFET
SW7N70K SEMIPOWER-SW7N70K Datasheet
944Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-220 MOSFET
SW9N50D SEMIPOWER-SW9N50D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220/TO-252 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com