Electronic Components Datasheet Search
  English  ▼

X  

SW13N50B Datasheet(PDF) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW13N50B
Description  N-channel TO-220F MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW13N50B Datasheet(HTML) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW13N50B Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW13N50B Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW13N50B Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW13N50B Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW13N50B Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
July. 2013. Rev. 3.0
5/5
Fig. 11. Unclamped Inductive switching test circuit & waveform
SAMWIN
SW13N50B
Fig. 12. Peak diode recovery dv/dt test circuit & waveform
VDD
Same type
as DUT
VDS
L
RG
10VGS
IS
+
-
VDS
DUT
*. dv/dt controlled by RG
*. Is controlled by pulse period
VGS (DRIVER)
IS (DUT)
VDS (DUT)
Body diode forward voltage drop
VF
Diode recovery dv/dt
IRM
di/dt
10V
Diode reverse current
VDD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com