Electronic Components Datasheet Search
  English  ▼

X  

SW20N60U Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW20N60U
Description  N-channel TO-3P MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW20N60U Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW20N60U Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60U Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60U Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60U Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW20N60U Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev.1.0
Features
■ High ruggedness
■ R
DS(ON) (Max0.45Ω)@VGS=10V
■ Gate Charge (Typical 108nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
N-channel TO-3P MOSFET
Absolute maximum ratings
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
0.34
oC/W
R
thcs
Thermal resistance, Case to Sink
oC/W
R
thja
Thermal resistance, Junction to ambient
38.6
oC/W
1/5
BV
DSS : 600V
I
D
: 20A
R
DS(ON) :0.45Ω
1
2
3
SW20N60U
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW W 20N60
SW20N60U
TO-3P
TUBE
Order Codes
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
20*
A
Continuous Drain Current (@T
C=100
oC)
12.6*
A
I
DM
Drain current pulsed
(note 1)
80
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
750
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
200
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
367.7
W
Derating Factor above 25oC
2.9
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC
converter block and switch mode power supply.
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
1
2
3
TO-3P


Similar Part No. - SW20N60U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW20N60 SEMIPOWER-SW20N60 Datasheet
741Kb / 7P
N-channel Power MOSFET
More results

Similar Description - SW20N60U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW7N60R SEMIPOWER-SW7N60R Datasheet
677Kb / 5P
N-channel TO-220 MOSFET
SW20N50U SEMIPOWER-SW20N50U Datasheet
629Kb / 5P
N-channel TO-3P MOSFET
SW22N60U SEMIPOWER-SW22N60U Datasheet
623Kb / 5P
N-channel TO-3P MOSFET
SW60N06T SEMIPOWER-SW60N06T Datasheet
751Kb / 5P
N-channel TO-220 MOSFET
SW100N10 SEMIPOWER-SW100N10 Datasheet
678Kb / 5P
N-channel TO-220 MOSFET
SW180N06A SEMIPOWER-SW180N06A Datasheet
754Kb / 5P
N-channel TO-220 MOSFET
logo
Foshan Blue Rocket Elec...
BRP50N20 FOSHAN-BRP50N20 Datasheet
870Kb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
BRU20N50 FOSHAN-BRU20N50 Datasheet
942Kb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
BRU20N90 FOSHAN-BRU20N90 Datasheet
1Mb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
IRFP3205 FOSHAN-IRFP3205 Datasheet
1Mb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com