Electronic Components Datasheet Search
  English  ▼

X  

SW50N06T Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW50N06T
Description  N-channel D-PAK/TO-220 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW50N06T Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW50N06T Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW50N06T Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW50N06T Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW50N06T Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW50N06T Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW50N06T Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev.2.0
Features
■ High ruggedness
■ R
DS(ON) (Max 16.8mΩ)@VGS=10V
■ Gate Charge (Typ 41nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics,
such as fast switching time, low on resistance, low gate charge and especially excellent
avalanche characteristics. It is mainly suitable for half bridge or full bridge resonant
topology like a electronic ballast, and also low power switching mode power appliances.
N-channel D-PAK/TO-220 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-252
TO-220
V
DSS
Drain to Source Voltage
60
V
I
D
Continuous Drain Current (@T
C=25
oC)
50*
A
Continuous Drain Current (@T
C=100
oC)
32*
A
I
DM
Drain current pulsed
(note 1)
200
A
V
GS
Gate to Source Voltage
± 20
V
E
AS
Single pulsed Avalanche Energy
(note 2)
180
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
23.4
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
87.4
114.7
W
Derating Factor above 25oC
0.7
0.9
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-252
TO-220
R
thjc
Thermal resistance, Junction to case
1.43
1.09
oC/W
R
thcs
Thermal resistance, Case to Sink
oC/W
R
thja
Thermal resistance, Junction to ambient
71.8
53.1
oC/W
1/6
*. Drain current is limited by junction temperature.
BV
DSS : 60V
I
D
: 50A
R
DS(ON) : 16.8mΩ
1
2
3
1. Gate 2. Drain 3. Source
1
2
3
TO-252
SW50N06T
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW D 50N06
SW50N06T
TO-252
REEL
2
SW P 50N06
SW50N06T
TO-220
TUBE
Order Codes
TO-220
1
2
3


Similar Part No. - SW50N06T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW50N06 ETC1-SW50N06 Datasheet
594Kb / 6P
N-Channel MOSFET
logo
Thinki Semiconductor Co...
SW50N06 THINKISEMI-SW50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
SW50N06 VBSEMI-SW50N06 Datasheet
981Kb / 7P
N-Channel 60-V (D-S) MOSFET
logo
Xian Semipower Electron...
SW50N06A SEMIPOWER-SW50N06A Datasheet
494Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SW50N06A SEMIPOWER-SW50N06A Datasheet
576Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
More results

Similar Description - SW50N06T

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
N-channel D-PAK/I-PAK/TO-92 MOSFET
SW4N60B SEMIPOWER-SW4N60B Datasheet
946Kb / 7P
N-channel I-PAK/D-PAK/TO-220F MOSFET
SW2N60D SEMIPOWER-SW2N60D Datasheet
767Kb / 6P
N-channel I-PAK/D-PAK/TO220F MOSFET
SW3N10 SEMIPOWER-SW3N10 Datasheet
535Kb / 5P
N-channel D-PAK MOSFET
SW4N60D SEMIPOWER-SW4N60D Datasheet
682Kb / 6P
N-channel TO-220F/I-PAKN/D-PAK MOSFET
SW4N60K SEMIPOWER-SW4N60K Datasheet
678Kb / 6P
N-channel TO-220F/I-PAK/D-PAK MOSFET
SW75N08 SEMIPOWER-SW75N08 Datasheet
391Kb / 5P
N-channel TO-220 MOSFET
SW80N08A SEMIPOWER-SW80N08A Datasheet
768Kb / 5P
N-channel TO-220 MOSFET
SW630A SEMIPOWER-SW630A Datasheet
453Kb / 5P
N-channel TO-220/D-PAK MOSFET
SW830D1 SEMIPOWER-SW830D1 Datasheet
911Kb / 6P
N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com