Electronic Components Datasheet Search
  English  ▼

X  

SW630A Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW630A
Description  N-channel TO-220/D-PAK MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW630A Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW630A Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW630A Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW630A Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW630A Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW630A Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
July. 2013. Rev. 3.0
1/5
Features
■ High ruggedness
■ R
DS(ON) (Max 0.4
Ω)@V
GS=10V
■ Gate Charge (Typ 22nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics,
such as fast switching time, low on resistance, low gate charge and especially
excellent avalanche characteristics. This power MOSFET is usually used
at high efficient DC to DC converter block and SMPS.
It’s typical application is TV and monitor.
N-channel TO-220/D-PAK MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
TO-252
VDSS
Drain to Source Voltage
200
V
ID
Continuous Drain Current (@TC=25oC)
10*
A
Continuous Drain Current (@TC=100oC)
6.3*
A
IDM
Drain current pulsed
(note 1)
40
A
VGS
Gate to Source Voltage
±30
V
EAS
Single pulsed Avalanche Energy
(note 2)
600
mJ
EAR
Repetitive Avalanche Energy
(note 1)
120
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
132
148
W
Derating Factor above 25oC
1.06
1.18
W/oC
TSTG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
TL
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220
TO-252
Rthjc
Thermal resistance, Junction to case
0.95
0.85
oC/W
Rthcs
Thermal resistance, Case to Sink
0.5
-
oC/W
Rthja
Thermal resistance, Junction to ambient
57.5
-
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 200V
I
D
: 10A
R
DS(ON) : 0.4ohm
1. Gate 2. Drain 3. Source
1
2
3
1
2
3
TO-220
SW630A
SAMWIN
Order Codes
2
3
1
TO-252
Item
Sales Type
Marking
Package
Packaging
1
SW P 630A
SW630
TO-220
TUBE
2
SW D 630A
SW630
TO-252
REEL


Similar Part No. - SW630A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW630 ETC1-SW630 Datasheet
541Kb / 6P
N-Channel MOSFET
logo
Xian Semipower Electron...
SW630 SEMIPOWER-SW630 Datasheet
777Kb / 7P
N-channel MOSFET
More results

Similar Description - SW630A

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
N-channel D-PAK/I-PAK/TO-92 MOSFET
SW4N60B SEMIPOWER-SW4N60B Datasheet
946Kb / 7P
N-channel I-PAK/D-PAK/TO-220F MOSFET
SW2N60D SEMIPOWER-SW2N60D Datasheet
767Kb / 6P
N-channel I-PAK/D-PAK/TO220F MOSFET
SW3N10 SEMIPOWER-SW3N10 Datasheet
535Kb / 5P
N-channel D-PAK MOSFET
SW4N60D SEMIPOWER-SW4N60D Datasheet
682Kb / 6P
N-channel TO-220F/I-PAKN/D-PAK MOSFET
SW4N60K SEMIPOWER-SW4N60K Datasheet
678Kb / 6P
N-channel TO-220F/I-PAK/D-PAK MOSFET
SW50N06T SEMIPOWER-SW50N06T Datasheet
747Kb / 6P
N-channel D-PAK/TO-220 MOSFET
SW75N08 SEMIPOWER-SW75N08 Datasheet
391Kb / 5P
N-channel TO-220 MOSFET
SW80N08A SEMIPOWER-SW80N08A Datasheet
768Kb / 5P
N-channel TO-220 MOSFET
SW830D1 SEMIPOWER-SW830D1 Datasheet
911Kb / 6P
N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com