Electronic Components Datasheet Search
  English  ▼

X  

SSFD3004 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSFD3004
Description  High Power and current handing capability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFD3004 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSFD3004 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFD3004 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFD3004 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFD3004 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFD3004 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSFD3004 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSFD3004 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSFD3004
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BV
V =0V I
DSS
GS
D=250μA
30
V
Zero Gate Voltage Drain Current
I
V =30V,V =0V
1
μA
DSS
DS
GS
Gate-Body Leakage Current
I
V =±20V,V =0V
±100
nA
GSS
GS
DS
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
V
V =V
GS(th)
DS
GS,ID=250μA
1
1.8
2.5
V
V =4.5V, I
GS
D=20A
7.5
9.5
mΩ
Drain-Source On-State Resistance
RDS(ON)
V =10V, I
GS
D=30A
4.4
5.5
mΩ
Forward Transconductance
g
V =5V,I
FS
DS
D=30A
25
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
C
1800
PF
lss
Output Capacitance
Coss
450
PF
V =15V,V
Reverse Transfer Capacitance
Crss
DS
GS=0V,
F=1.0MHz
300
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
t
8
nS
d(on)
Turn-on Rise Time
t
10
nS
r
Turn-Off Delay Time
td(off)
30
nS
V =15V,V =10V,R
Turn-Off Fall Time
tf
DS
GS
GEN=3Ω
ID=1A
9
nS
Total Gate Charge
Q
30
nC
g
Gate-Source Charge
Qgs
5
nC
V =15V,I
Gate-Drain Charge
Qgd
DS
D=10A,VGS=10V
9
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
V
V =0V,I =1A
0.7
1.2
V
SD
GS
S
NOTES:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on 1in2 FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production testing.
5. Limited by TJmax, starting TJ = 25°C, L = 0.3mH RG =50Ω, IAS = 50A, VGS =10V. Part not recommended for use above this value
©Silikron Semiconductor CO.,LTD.
2
http://www.silikron.com
v2.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com