Electronic Components Datasheet Search
  English  ▼

X  

HD49235FS Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # HD49235FS
Description  Digital Signal Processor for CD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD49235FS Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button HD49235FS Datasheet HTML 9Page - Hitachi Semiconductor HD49235FS Datasheet HTML 10Page - Hitachi Semiconductor HD49235FS Datasheet HTML 11Page - Hitachi Semiconductor HD49235FS Datasheet HTML 12Page - Hitachi Semiconductor HD49235FS Datasheet HTML 13Page - Hitachi Semiconductor HD49235FS Datasheet HTML 14Page - Hitachi Semiconductor HD49235FS Datasheet HTML 15Page - Hitachi Semiconductor HD49235FS Datasheet HTML 16Page - Hitachi Semiconductor HD49235FS Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
HD49235FS
Rev.2, Aug. 1995, page 13 of 41
AMPP: Non-inverting input to the amplifier.
This chip uses a PLL for recovery of the bit clock. A built-in circuit automatically adjusts the free-
running frequency of the PLL, so fewer adjustments are required on the production line. The chip can
be forced to adjust its own free-running frequency whenever power is turned on or the speed is changed
by switching to CLV stop mode. Thus the free-running frequency is always set to the center of the lock
frequency range even if changes occur in the VCO and external circuit constants due to aging.
The principle and usage of automatic adjustment of the free-running frequency will be described below.
a. In automatic adjustment of the VCO free-running frequency, this chip uses the disc stop signal. The
disc stop signal is turned on when the microprocessor writes 0000 in bits ED3, ED2, ED1, and ED0
of register E in the chip’s microprocessor interface. (See section 6, Microprocessor Interface.)
b. When the disc stop signal is turned on, counter (A) in figure 2 becomes a divide-by-98 counter,
switch (A) is connected to the output from the VCO, and switch (B) is connected to digital 0.
At this time, the circuit for the PDOUT1 output is stopped, so the output of the LPF1 connected to
PDOUT1 goes to the fixed DC bias level, which is 1/2 V
DD.
The loop formed by PDOUT2
→ LPF2 → amplifier → VCO → counter (A) now operates to lock
the VCO oscillator frequency to 34.5744 MHz, which is 8 times the standard CD bit rate (4.3218
MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com