Electronic Components Datasheet Search
  English  ▼

X  

DOS16-05T Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # DOS16-05T
Description  DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DOS16-05T Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  DOS16-05T Datasheet HTML 1Page - Power Mate Technology Co., LTD DOS16-05T Datasheet HTML 2Page - Power Mate Technology Co., LTD DOS16-05T Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
DOS(H)16-05T SERIES
POINT OF LOAD
DC-DC CONVERTER
DOS16-05T, Vo=3.3V, Derating Curve
0
2
4
6
8
10
12
14
16
18
20
30
40
50
60
70
80
90
AMBIENT TEMPERATURE,TA(
℃)
Output Current
Model Name
ON/OFF
Logic
Package
Input Voltage
Output Voltage
Min. Load
Max. Load
Efficiency (%)
5.0Vin, 3.3VDC@16A
DOS16-05T
Negative
DOS16-05T-P
Positive
SMD
DOH16-05T
Negative
DOH16-05T-P
Positive
Vertical Mounting
SIP
DOH16-05TA
Negative
DOH16-05TA-P
Positive
Horizontal Mounting
SIP
2.4 ~ 5.5VDC
Vin(min)=Vout(set)+0.5V
0.75 ~ 3.3VDC
0A
16A
95%
Fig. 1
Table 1
Vout(set) (V) Rtrim (K
Ω)
0.7525
Open
1.2
41.973
1.5
23.077
1.8
15.004
2.5
6.974
3.3
3.160
Ω
=
5110
-
0.7525
-
Vout
21070
Rtrim
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
External with Cout = 1µF ceramic//10µF tantalum capacitors.
3.
External with Cout = 2pcs of 150µF polymer capacitors.
4.
Output voltage programmable from 0.75V to 3.3V by connecting a single resistor (shown as Rtrim in Table 1) between the TRIM and GND pins of the
module. To calculate the value of the resistor Rtrim for a particular output voltage Vout, use the following equation:
5.
It’s necessary to equip the external input capacitors at the input of the module. The capacitors should connect as close as possible to the input
terminals that ensuring module stability. The external Cin is 4pcs of 150µF low-ESR polymer capacitors // 4pcs of 47µF ceramic capacitors at least.
6.
Device code with suffix “
-P” – Positive logic(ON/OFF is open collector/drain logic input; Signal referenced to GND )
Device code with no suffix – Negative logic (ON/OFF pin is open collector/drain logic input with external pull –up resistor; signal referenced to GND)
7.
Case 1 :On/Off input is set to logic low (module on) and then input power is applied (delay from instant at which Vin=Vin(min) until Vout=10% of Vout(set))
8.
Case 2 :Input power is applied for at least one second and then the ON/OFF input is set to logic low (delay form instant at which Von/off=0.3V until
Vout=10% of Vout(set))
CAUTION: This power module is not internally fused. An input line fuse must always be used.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com