Electronic Components Datasheet Search
  English  ▼

X  

QF1203XT Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # QF1203XT
Description  0.25W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

QF1203XT Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  QF1203XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd QF1203XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd QF1203XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Q
QF-XT
F-XT&
&
Q
QE-XT
E-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
Output
Output Specifications
Specifications
Parameter
Conditions
Voltage set accuracy
see graphs below
Regulation
– Input variation
1.2 % / 1 % change Vin
– Load variation
see graphs below
Voltage balance (dual output
models, balanced load)
± 1.0% max.
Temperature coefficient
0.1 %/K
Ripple and noise (20 MHz Bandwidth)
100 mVp-p max.
Temperature coefficient
± 0.02%/K max.
Short circuit protection
limited 0.5 sec. max.
Capacitive load
3.3 VDC output models: 33µF max.
5 VDC output models:
33µF max.
12 VDC output models:
4.7µF max.
15 VDC output models:
2.2µF max.
±
5 VDC output models:
10µF max.
±
12 VDC output models: 2.2µF max.
±
15 VDC output models: 2.2µF max.
General
General Specifications
Specifications
Parameter
Conditions
Temperature ranges
–
Operating
– 40 °C~+ 85 °C (no derating)
–
Case temperature
+95°C max.
–
Storage
– 55 °C~+ 125 °C
Load derating
(convection cooling)
4%/K above +75°C
Humidity (non condensing)
95 % rel. H max.
Reliability, calculated MTBF
(MIL-HDBK-217F ground benign)
>2Mio h
Isolation voltage (60 sec)
–
Input/Output
3000 VDC
Isolation capacity
–
Input/Output(100kHz, 1V)
60 pF typ.
Isolation resistance
–
Input/Output (500 VDC)
>1 GOhm
Switching frequency
50 to 150 kHz (depending on load)
Output
Output voltage
voltage variation
variation dependent
dependent on
on load
load (at
(at nominal
nominal input
input voltage)
voltage)
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com