Electronic Components Datasheet Search
  English  ▼

X  

WS2580 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2580
Description  Low Power Primary Side AC/DC Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2580 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2580 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2580 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2580 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2580 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2580 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2580 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2580 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2580 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2580 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/9
WS2580 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Pin
Pin
Pin
Pin Definition
Definition
Definition
Definition and
and
and
and Device
Device
Device
Device Marking
Marking
Marking
Marking
WS2580 is available in SOT23-6 package:
Pin
Pin
Pin
Pin Function
Function
Function
Function Description
Description
Description
Description
Pin Name
Pin Number
Function Description
OUT
1
Drive output. Connects to the power MOSFET
GND
2
Ground.
VCC
3
Power supply.
CS
4
Current sense input.
CPC
5
Cable voltage compensation input pin, connects to an external filter capacitor
FB
6
Feedback input
Block
Block
Block
Block Diagram
Diagram
Diagram
Diagram
80: WSXX80;
Y: Year 2=2012,
M:Month 1,2…A=10,B=11,C=12
F: Factory No.
O U T
G N D
V C C
F B
C P C
C S
1
1
2
3
6
5
4
.80 YMF
C P C
V C C
F B
C S
O U T
G N D
E A
Z C D
Line 补
偿
R C滤
波
6
5
Cable 补
偿
恒 压 控 制
恒 流 控 制
p f m
To n s
Dectector
T O N S
4
0 . 5 V
0 . 4 V
P r e - OC P
C V
C C
R
Q
Q
S
R
Q
Q
S
3
Regulator
&
B I A S
V D D _ 5 V
p f m
D R IV E R
1
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com